Electronic Components Datasheet Search
  English  ▼

X  

66024 Datasheet(PDF) 3 Page - Micropac Industries

Part # 66024
Description  4N55 DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66024 Datasheet(HTML) 3 Page - Micropac Industries

  66024 Datasheet HTML 1Page - Micropac Industries 66024 Datasheet HTML 2Page - Micropac Industries 66024 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL:
optosales@micropac.com
3 - 30
66024
4N55 DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Current, Low Level
IFL
02
µA
Supply Voltage
VCC
2.0
18
V
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
66024-000
Dual Channel Optocoupler with 100% device screening
66024-001
DSCC Dwg 5962-8767901EX Dual Channel Optocoupler
66024-002
Dual Channel, Optocoupler tested over full military temperature range (-55° to +125°C)
66024-003
Dual Channel, commercial (0° to 70°C)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com