Electronic Components Datasheet Search
  English  ▼

X  

66079 Datasheet(PDF) 1 Page - Micropac Industries

Part # 66079
Description  OPTICALLY COUPLED DIGITAL FILTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66079 Datasheet(HTML) 1 Page - Micropac Industries

  66079 Datasheet HTML 1Page - Micropac Industries 66079 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
3 - 38
66079
OPTICALLY COUPLED DIGITAL FILTER
Mii
OPTOELECTRONIC PRODUCTS
DIVISION
Features:
•
DSCC Approved 916761HXX
•
10 MBd typical
•
Meets Tempest EMI/RFI emanation criteria
•
TTL compatible input and output
•
RFI Rejection 80dB to 1GHz
• Faraday shield to provide high common mode
rejection
Applications:
•
Military and space
•
Secure communication systems
•
Isolated receiver input
•
Microprocessor system interface
•
Digital isolation for A/D, D/A converters
DESCRIPTION
The 66079 Optically Coupled Digital Filter consists of an LED optically coupled to a high speed, high gain inverting detector
gate. Maximum isolation can be achieved while providing a TTL output capable of switching with propagation delays of 55nS
typical. The 66079 is a hermetically sealed package which is threaded in order to provide convenient bulkhead mounting and
is available in standard and screened versions or tested to customer specifications. The 66079-001 is a hermetically sealed
package which can be soldered or press-fit mounted and is also available in standard and MIL-PRF-38534 screened versions
or tested to customer specifications.
ABSOLUTE MAXIMUM RATINGS
Storage Temperature............................................................................................................................................. -65°C to +150°C
Operating Free-Air Temperature Range ............................................................................................................... -55°C to +125°C
Lead Solder Temperature........................................................................................... 260°C for 10s (1.6mm below seating plane)
Peak Forward Input Current ..........................................................................................................................40mA (1ms duration)
Forward Input Current Continuous ........................................................................................................................................ 20mA
Supply voltage - VCC .................................................................................................................................. 7V(1 minute maximum)
Output Current - IO ................................................................................................................................................................. 25mA
Output Power Dissipation ...................................................................................................................................................... 40mW
Output Voltage - VO .....................................................................................................................................................................7V
Total Power Dissipation ...................................................................................................................................................... 175mW
Package Dimensions
Schematic Diagram
OUT
V
.100 ± .005
Vcc
GROUND
NC
Ø 0.016 [0.406]
0.019 [0.483]
0.221 [5.613]
0.229 [5.817]
0.209 [5.309]
0.212 [5.385]
N.C.
ANODE
CATHODE
0.100 ± .005 [2.540] Ø
66079-001
Ø 0.016 [0.406]
0.019 [0.483]
GROUND
N.C.
RED POINT
V OUT
Vcc
0.100Ø ±.005
0.100Ø ±.005
RED POINT
N.C.
CATHODE
ANODE
1.230 [31.231]
0.015 [0.381]
MAX
THREADS ARE .250± .010
40 ± 0.1 TURNS PER INCH
66079-000
ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]
ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]
Vcc AND GROUND.
CONNECTED BETWEEN
CAPACITOR MUST BE
A.01 TO 0.1
NOTE:
F BYPASS
GND
OUT
VCC
A
K
CASE
0.532 [13.521]
0.562 [14.283]
0.500 [12.691]
0.560 [14.215]
0.137 [3.480]
0.167 [4.242]
0.312 ±.005
[7.935]
0.500 [12.691]
0.560 [14.215]
0.453 [11.506]
0.463 [11.760]
0.312 ±.005
[7.935]


Similar Part No. - 66079

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
66070 ETC2-66070 Datasheet
40Kb / 2P
STATFREE MATERIAL, DISSIPATIVE, RUBBER, 2-LAYER, 0.060 (1.5mm)
logo
Turck, Inc.
6607013 TURCK-6607013 Datasheet
145Kb / 1P
Industrial Ethernet Unmanaged Switch
2023-07-21
logo
List of Unclassifed Man...
66075 ETC2-66075 Datasheet
40Kb / 2P
STATFREE MATERIAL, DISSIPATIVE, RUBBER, 2-LAYER, 0.060 (1.5mm)
More results

Similar Description - 66079

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCD820 FAIRCHILD-FCD820 Datasheet
80Kb / 2P
OPTICALLY-COUPLED ISOLATOR
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
Optically Coupled 20 mA Optically Coupled 20 mA
logo
OPTEK Technologies
OPI1264 OPTEK-OPI1264 Datasheet
248Kb / 2P
OPTICALLY COUPLED ISOLATORS
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
Optically Coupled Isolator
logo
ISOCOM COMPONENTS
4N35 ISOCOM-4N35 Datasheet
78Kb / 3P
OPTICALLY COUPLED ISOLATOR
CNX72A ISOCOM-CNX72A_10 Datasheet
753Kb / 3P
OPTICALLY COUPLED ISOLATOR
CQY80X ISOCOM-CQY80X_10 Datasheet
771Kb / 3P
OPTICALLY COUPLED ISOLATOR
H11AV1X ISOCOM-H11AV1X_08 Datasheet
77Kb / 3P
OPTICALLY COUPLED ISOLATOR
logo
Bedford Opto Technology...
OPI3000P BOT-OPI3000P_11 Datasheet
36Kb / 2P
Optically Coupled Isolator
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
Optically Coupled Isolator / High Speed Optically Coupled Isolator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com