Electronic Components Datasheet Search
  English  ▼

X  

66099 Datasheet(PDF) 1 Page - Micropac Industries

Part # 66099
Description  HIGH VOLTAGE RADIATION TOLERANT OPTOCOUPLER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66099 Datasheet(HTML) 1 Page - Micropac Industries

  66099 Datasheet HTML 1Page - Micropac Industries 66099 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
3 - 20
HIGH VOLTAGE
66099-4XX
RADIATION TOLERANT OPTOCOUPLER
Mii
OPTOELECTRONIC PRODUCTS
DIVISION
Rev A 9\25\02
Features:
•
Designed to meet or exceed MIL-PRF-19500
radiation requirements
•
High Current Transfer Ratio - 200% typical
•
1kVdc electrical input to output isolation
•
Base lead provided for conventional transistor
biasing
•
150 V Breakdown voltage
Applications:
•
Eliminate ground loops
•
Level shifting
•
Line receiver
•
Switching power supplies
•
Motor control
DESCRIPTION
The 66099-4XX optocoupler consists of a 660 nm GaAIAs LED optically coupled to a high voltage photodiode driving a
high voltage transistor mounted in a hermetic TO-5 package. This configuration has proven to be highly tolerant to both
proton and total dose radiation.
ABSOLUTE MAXIMUM RATINGS
Storage Temperature..........................................................................................................................................-65°C to +150°C
Operating Free-Air Temperature Range ............................................................................................................-55°C to +100°C
Lead Solder Temperature (1/16” (1.6mm) from case for 5 seconds) ................................................................................ 240°C
Input Diode Forward DC Current.........................................................................................................................................40mA
Input Power Dissipation (see Note 1)................................................................................................................................80mW
Reverse Input Voltage ............................................................................................................................................................. 3V
Collector-Base Voltage .........................................................................................................................................................150V
Collector-Emitter Voltage .....................................................................................................................................................150V
Emitter-Base Voltage................................................................................................................................................................ 6V
Continuous Collector Current ............................................................................................................................................300mA
Continuous Transistor Power Dissipation (see Note 2)...................................................................................300mW
Notes:
1. Derate linearly 0.80 mW/°C above 25°C.
2. Derate linearly 3.0 mW/°C above 25°C.
Package Dimensions
Schematic Diagram
NOTE: ALL LINEAR DIMENSIONS ARE IN INCHES (MILLIMETERS)
6 LEADS
Ø0.016 [0.41]
Ø0.019 [0.48]
1
2
3
5
6
7
0.335 [8.51]
0.305 [7.75]
MIN.
0.040 [1.02]
MAX.
0.500 [12.70]
0.155 [3.94]
0.185 [4.70]
0.045 [1.14]
0.029 [0.73]
0.034 [0.864]
0.028 [0.711]
45°
3
5
E
B
K
7
2
1
C
A
Ø0.200 [5.08]
0.370 [9.40]
0.336 [8.51]


Similar Part No. - 66099

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
66099-1 MACOM-66099-1 Datasheet
415Kb / 9P
Signal Contacts
66099-3 MACOM-66099-3 Datasheet
415Kb / 9P
Signal Contacts
66099-4 MACOM-66099-4 Datasheet
415Kb / 9P
Signal Contacts
More results

Similar Description - 66099

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OLS249 ETC-OLS249 Datasheet
25Kb / 3P
Radiation Tolerant Phototransistor Hermetic Surface Mount Optocoupler
OLI249 ETC1-OLI249 Datasheet
24Kb / 3P
Radiation Tolerant Phototransistor Optocoupler For Hybrid Assembly
logo
Micropac Industries
53258 MICROPAC-53258_07 Datasheet
54Kb / 4P
RADIATION TOLERANT 120VDC ??5A POWER MOSFET OPTOCOUPLER
logo
Skyworks Solutions Inc.
OLC049 SKYWORKS-OLC049 Datasheet
307Kb / 6P
Radiation-Tolerant, Phototransistor Surface-Mount Optocoupler
April 20, 2022
OLF249 SKYWORKS-OLF249 Datasheet
287Kb / 6P
Radiation Tolerant Phototransistor Hermetic Surface Mount Optocoupler
April 14, 2017
OLF449 SKYWORKS-OLF449 Datasheet
354Kb / 6P
Radiation Tolerant, Phototransistor Hermetic Surface Mount Optocoupler
June 19, 2017
OLH249 SKYWORKS-OLH249 Datasheet
418Kb / 6P
Radiation-Tolerant, Phototransistor Hermetic Optocoupler
April 13, 2017
OLI149 SKYWORKS-OLI149 Datasheet
345Kb / 6P
Radiation Tolerant, Photo-Transistor Optocoupler
June 26, 2017
OLS049 SKYWORKS-OLS049 Datasheet
258Kb / 6P
Radiation-Tolerant, Phototransistor Hermetic Surface-Mount Optocoupler
June 1, 2017
OLS249 SKYWORKS-OLS249 Datasheet
394Kb / 6P
Radiation-Tolerant Phototransistor Hermetic Surface-Mount Optocoupler
April 13, 2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com