Electronic Components Datasheet Search
  English  ▼

X  

66116 Datasheet(PDF) 2 Page - Micropac Industries

Part # 66116
Description  Single Channel Optocoupler Electrically Similar to 4N47-4N49 Coaxial or Bulkhead Mount packages
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66116 Datasheet(HTML) 2 Page - Micropac Industries

  66116 Datasheet HTML 1Page - Micropac Industries 66116 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
3 - 13
66116
Single Channel Optocoupler
ELECTRICAL CHARACTERISTICS TA = 25°C Unless otherwise specified
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Input Diode Static Reverse Current
IR
100
µA
VR = 2V
Input Diode Static Forward Voltage
-55°C
+25°C
+100°C
VF
1
0.8
0.7
1.4
1.7
1.5
1.3
VIE = 10mA
OUTPUT TRANSISTOR
TA = 25°C Unless otherwise specified
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Collector-Base Breakdown Voltage
V(BR)CBO
45
V
IC = 100µA, IB = 0, IF = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
40
V
IC = 1mA, IB = 0, IF = 0
Emitter-Collector Breakdown Voltage
V(BR)ECO
7V
IC = 0, IE = 100µA, IF = 0
COUPLED CHARACTERISTICS
TA = 25°C Unless otherwise specified
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
On State Collector Current
-XX1
-XX2
-XX3
IC(ON)
0.5
1
2
5
10
mA
VCE = 5V, IB = 0, IF = 1mA
On State Collector Current
-55°C
IC(ON)
0.7
1.4
2.8
mA
VCE = 5V, IB = 0, IF = 2mA
On State Collector Current
-XX1
+100°C
-XX2
-XX3
IC(ON)
0.5
1
2
mA
VCE = 5V, IB = 0, IF = 2mA
2
Off State Collector Current
+25°CIC(OFF)
100
nA
VCE = 20V, IB = 0, IF = 0mA
Off State Collector Current
+100°C
IC(OFF)
100
µAVCE = 20V, IB = 0, IF = 0mA
Collector-Emitter Saturation Voltage
-XX1
-XX2
-XX3
VCE(SAT)
VCE(SAT)
VCE(SAT)
0.3
0.3
0.3
V
V
V
IC = 0.5mA, IB = 0, IF = 2mA
IC = 1mA, IB = 0, IF = 2mA
IC = 2mA, IB = 0, IF = 2mA
Input to Output Resistance
RI-O
10
11
VIN-OUT = 1kV
1
Input to Output Capacitance
CI-O
5
pF
f = 1MHz, VIN-OUT = 1kV
1
Rise Time/ Fall Time
-XX1
Phototransistor Operation
-XX2
-XX3
tr / tf
tr / tf
tr / tf
20
25
25
µs
µs
µs
VCC = 10V, IF = 5mA, RL = 100Ω
Rise Time/ Fall Time
-XX1
Photodiode Operation
-XX2
-XX3
tr / tf
tr / tf
tr / tf
0.85
0.85
0.85
µs
µs
µs
VCC = 10V, IF = 5mA, RL = 100Ω
NOTES:
1.
These parameters are measured between all phototransistor leads shorted together and with both input diode leads shorted together.
2.
This parameter measured using pulse techniques tw =100µs, duty cycle < 1%.
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Current, Low Level
IFL
0100
µA
Input Current, High Level
IFH
210mA
Supply Voltage
VCE
510
V
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
66116-001
Single Channel, Commercial (0 to 70ºC) Coaxial Packaging
66116-002
Single Channel, Commercial (0 to 70ºC) Coaxial Packaging
66116-003
Single Channel, Commercial (0 to 70ºC) Coaxial Packaging
66116-001B
Single Channel, Commercial (0 to 70ºC) Bulkhead Packaging
66116-002B
Single Channel, Commercial (0 to 70ºC) Bulkhead Packaging
66116-003B
Single Channel, Commercial (0 to 70ºC) Bulkhead Packaging
66116-101
Single Channel, 100% screened, (-55 to +125ºC) Coaxial Packaging
66116-102
Single Channel, 100% screened, (-55 to +125ºC) Coaxial Packaging
66116-103
Single Channel, 100% screened, (-55 to +125ºC) Coaxial Packaging
66116-101B
Single Channel, 100% screened, (-55 to +125ºC) Bulkhead Packaging
66116-102B
Single Channel, 100% screened, (-55 to +125ºC) Bulkhead Packaging
66116-103B
Single Channel, 100% screened, (-55 to +125ºC) Bulkhead Packaging
66116-201
Single Channel, full mil-temp, (-55 to +125ºC) Coaxial Packaging
66116-202
Single Channel, full mil-temp, (-55 to +125ºC) Coaxial Packaging
66116-203
Single Channel, full mil-temp, (-55 to +125ºC) Coaxial Packaging
66116-201B
Single Channel, full mil-temp, (-55 to +125ºC) Bulkhead Packaging
66116-202B
Single Channel, full mil-temp, (-55 to +125ºC) Bulkhead Packaging
66116-203B
Single Channel, full mil-temp, (-55 to +125ºC) Bulkhead Packaging



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com