Electronic Components Datasheet Search
  English  ▼

X  

66133 Datasheet(PDF) 2 Page - Micropac Industries

Part # 66133
Description  SINGLE CHANNEL OPTOCOUPLERS(REPLACEMENT FOR TIL 120)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66133 Datasheet(HTML) 2 Page - Micropac Industries

  66133 Datasheet HTML 1Page - Micropac Industries 66133 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
3 - 4
3N261
66133 3N262
SINGLE CHANNEL OPTOCOUPLERS, SIMILAR TO 4N47/4N48/4N49
3N263
REVISION A 9/15/00
ELECTRICAL CHARACTERISTICS
TA = 25°C
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode Static Reverse Current
3N261
3N262
3N263
IR
100
100
100
µA
VR = 2V
Input Diode Static Forward Voltage
3N261
3N262
3N263
VF
0.8
0.8
0.8
1.5
1.5
1.5
VIF = 10mA
OUTPUT TRANSISTOR
TA = 25°C
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Collector-Emitter Breakdown Voltage
V(BR)CEO
40
V
IC = 1mA, IF = 0
Emitter-Collector Breakdown Voltage
V(BR)ECO
7V
IE = 100µA, IF = 0
Collector Dark Current
ID
100
nA
VCE = 20V, IF = 0mA
COUPLED CHARACTERISTICS
TA = 25°C
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
On State Collector Current
3N261
IC(ON)
0.5
mA
VCE = 5V, IF = 1mA
On State Collector Current
3N262
IC(ON)
1mA
VCE = 5V, IF = 1mA
On State Collector Current
3N263
IC(ON)
2mA
VCE = 5V, IF = 1mA
Collector-Emitter Saturation Voltage
3N261
3N262
3N263
VCE(SAT)
VCE(SAT)
VCE(SAT)
0.3
0.3
0.3
V
V
V
IF = 2mA, IC = 0.5mA
IF = 2mA, IC = 1mA
IF = 2mA, IC = 2mA
Rise Time
3N261
3N262
3N263
tr
tr
tr
10
10
15
20
20
25
µs
µs
µs
VCC = 10V, IF = 5mA, RL= 100Ω
Fall Time
3N261
3N262
3N263
tf
tf
tf
10
10
15
20
20
25
µs
µs
µs
VCC = 10V, IF = 5mA, RL = 100Ω
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Current, Low Level
IFL
01
µA
Input Current, High Level
IFH
10
20
mA
Supply Voltage
VCE
510
V
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
66133-001
3N261, Single Channel Optocoupler, Commercial
66133-002
3N262, Single Channel Optocoupler, Commercial
66133-003
3N263, Single Channel Optocoupler, Commercial
66133-101
3N261, Single Channel Optocoupler with JTX screening
66133-102
3N262, Single Channel Optocoupler with JTX screening
66133-103
3N263, Single Channel Optocoupler with JTX screening



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com