Electronic Components Datasheet Search
  English  ▼

X  

SN74LS168 Datasheet(PDF) 3 Page - ON Semiconductor

Part # SN74LS168
Description  16 BINARY SYNCHRONOUS BI-DIRECTIONAL COUNTERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS168 Datasheet(HTML) 3 Page - ON Semiconductor

  SN74LS168 Datasheet HTML 1Page - ON Semiconductor SN74LS168 Datasheet HTML 2Page - ON Semiconductor SN74LS168 Datasheet HTML 3Page - ON Semiconductor SN74LS168 Datasheet HTML 4Page - ON Semiconductor SN74LS168 Datasheet HTML 5Page - ON Semiconductor SN74LS168 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SN74LS168
http://onsemi.com
3
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
−55
0
25
25
125
70
°C
IOH
Output Current — High
54, 74
−0.4
mA
IOL
Output Current — Low
54
74
4.0
8.0
mA
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
Min
Typ
Max
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
54
0.7
V
Guaranteed Input LOW Voltage for
All Inputs
74
0.8
VIK
Input Clamp Diode Voltage
−0.65
−1.5
V
VCC = MIN, IIN = −18 mA
VOH
Output HIGH Voltage
54
2.5
3.5
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
74
2.7
3.5
V
VOL
Output LOW Voltage
54, 74
0.25
0.4
V
IOL = 4.0 mA
VCC = VCC MIN,
VIN = VIL or VIH
per Truth Table
74
0.35
0.5
V
IOL = 8.0 mA
IIH
Input HIGH Current
Other Inputs
CET Input
20
40
μA
VCC = MAX, VIN = 2.7 V
Other Input
CET Input
0.1
0.2
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
Other Input
CET Input
−0.4
−0.8
mA
VCC = MAX, VIN = 0.4 V
IOS
Short Circuit Current (Note 1)
−20
−100
mA
VCC = MAX
ICC
Power Supply Current
34
mA
VCC = MAX
Note 1: Not more than one output should be shorted at one time, nor for more than 1 second.
FUNCTIONAL DESCRIPTION
The SN54/74LS168 uses edge-triggered D-type flip-flops
that have no constraints on changing the control or data input
signals in either state of the Clock. The only requirement is
that the various inputs attain the desired state at least a
set-up time before the rising edge of the clock and remain
valid for the recommended hold time thereafter.
The parallel load operation takes precedence over the
other operations, as indicated in the Mode Select Table.
When PE is LOW, the data on the P0−P3 inputs enters the
flip-flops on the next rising edge of the Clock. In order for
counting to occur, both CEP and CET must be LOW and PE
must be HIGH. The U/D input then determines the direction
of counting.
The Terminal Count (TC) output is normally HIGH and
goes LOW, provided that CET is LOW, when a counter
reaches zero in the COUNT DOWN mode or reaches 15 (9
for the SN54/74LS168) in the COUNT UP mode. The TC
output state is not a function of the Count Enable Parallel
(CEP) input level. The TC output of the SN54/74LS168
decade counter can also be LOW in the illegal states 11, 13
and 15, which can occur when power is turned on or via
parallel loading. If illegal state occurs, the SN54/74LS168 will
return to the legitimate sequence within two counts. Since
the TC signal is derived by decoding the flip-flop states, there
exists the possibility of decoding spikes on TC. For this
reason the use of TC as a clock signal is not recommended.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com