Electronic Components Datasheet Search
  English  ▼

X  

66183 Datasheet(PDF) 2 Page - Micropac Industries

Part # 66183
Description  PROTON RADIATION TOLERANT OPTOCOUPLER(Single Channel, Electrically Similar to 4N49)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66183 Datasheet(HTML) 2 Page - Micropac Industries

  66183 Datasheet HTML 1Page - Micropac Industries 66183 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E.Walnut Str., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
5 - 41
66183
PROTON RADIATION TOLERANT OPTOCOUPLER (Electrically similar to 4N49)
REVISION C 5/6/02
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Input Diode Static Reverse Current
IR
100
µA
VR = 3V
Input Diode Static Forward Voltage
-55°C
VF
1.0
2.2
V
IF = 10mA
Input Diode Static Forward Voltage
+25°C
VF
0.8
1.8
2.0
V
IF = 10mA
Input Diode Static Forward Voltage +100°C
VF
0.8
2.2
V
IF = 10mA
OUTPUT TRANSISTOR
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Collector-Base Breakdown Voltage
V(BR)CBO
45
V
IC = 100µA, IB = 0, IF = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
40
V
IC = 1mA, IB = 0, IF = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
2
V
IC = 0mA, IE = 100µA, IF = 0
Off-State Collector Current
+100°C
ICEO
ICEO
100
100
nA
µA
VCE = 20V, IF = 0mA, IB = 0
VCE = 20V, IF = 0mA, IB = 0
COUPLED CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
On State Collector Current
IC(ON)
2.0
mA
VCE = 5V, IF = 1mA, IB=0
On State Collector Current
+100°C
IC(ON)
2.0
mA
VCE = 5.0V, IF = 2mA, IB=0
On State Collector Current
-55°C
IC(ON)
2.8
mA
VCE = 5V, IF = 2mA, IB=0
Collector-Emitter Saturation Voltage
VCE(SAT)
0.3
V
IF = 2mA, IC= 2mA
Input to Output Internal Resistance
RIO
10
11
Ω
VIN-OUT = 1000V
1
Input to Output Capacitance
CIO
2.5
5
pF
f = 1MHz, VIN-OUT = 1000V
1
Rise Time-Phototransistor Operation
tr
10
25
µs
VCC = 10V, IF = 10mA,
RL = 100Ω, IB = 0
Fall Time-Phototransistor Operation
tf
10
25
µs
VCC = 10V, IF = 10mA,
RL = 100Ω, IB = 0
NOTES:
1.
These parameters are measured between all phototransistor leads shorted together and with both input diode leads shorted together.
2.
This parameter must be measured using pulse techniques (tW = 100µs duty cycle < 1%).
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Current, Low Level
IFL
0
90
µA
Input Current, High Level
IFH
2
10
mA
Supply Voltage
VCE
5
10
V
Operating Temperature
TA
-55
100
°C
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
66183-001
Single channel proton radiation tolerant optocoupler - commercial
66183-101
Single channel proton radiation tolerant optocoupler – screened to JAN
66183-103
Single channel proton radiation tolerant optocoupler – screened to JANTX
66183-105
Single channel proton radiation tolerant optocoupler – screened to JANTXV



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com