Electronic Components Datasheet Search
  English  ▼

X  

66229 Datasheet(PDF) 2 Page - Micropac Industries

Part # 66229
Description  CONSTANT CURRENT TRANSFER RATIO, SINGLE CHANNEL OPTOCOUPLERS, SCREENED TO JAN, JANTX, JANTXV
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66229 Datasheet(HTML) 2 Page - Micropac Industries

  66229 Datasheet HTML 1Page - Micropac Industries 66229 Datasheet HTML 2Page - Micropac Industries 66229 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E.Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
66229
CONSTANT CURRENT TRANSFER RATIO, SINGLE OPTOCOUPLERS
SCREENED TO JAN, JANTX, JANTXV
10/17/02 Rev B
ELECTRICAL CHARACTERISTICS TA = 25°C Unless otherwise specified
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Signal
Vin
0
10
volts
Vcc = +15 volts, VEE= -5V
OUTPUT TRANSISTOR
TA = 25°C Unless otherwise specified
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Collector-Base Breakdown Voltage
V(BR)CBO
40
V
Iin = 0, Vcc=0
Collector-Emitter Breakdown Voltage
V(BR)CEO
40
V
Iin =0, Vcc=0
Emitter-Collector Breakdown Voltage
V(BR)EBO
7
V
Iin = 0, Vcc=0
COUPLED CHARACTERISTICS
TA = 25°C Unless otherwise specified
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Supply Voltage
Vcc
7
12
15
VDC
Supply Voltage
VEE
-3
-5
-15
VDC
On State Collector Current
IC(ON)
0.5
5
mA
Vcc = +15volts, Vin = .5< 5volts
Off State Collector Current
IC(OFF)
0
100
µA
Vcc = 15volts, Vin = 0volts
Collector – Emitter Saturation Voltage
Vce(sat)
0.3
0.5
Volts
Vcc = 15 volts, Vin = 5volts
Rise time/ Fall time
tr/tf
5.0
µS
Vcc = 15 volts, Vin = 5volts
Input to Output Resistance
RI-O
10
11
VIN-OUT = 1kV
Input to Output Capacitance
CI-O
5
pF
f = 1MHz, VIN-OUT = 1kV
Delay Time TDR & TDF
tD
5.0
µS
VCC = 12V
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Current, Low Level
IFL
0
100
µA
Input Current, High Level
IFH
2
10
mA
Supply Voltage
Supply Voltage
VCC
VEE
+5
-15
+15
-3
VDC
VDC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com