Electronic Components Datasheet Search
  English  ▼

X  

67023 Datasheet(PDF) 2 Page - Micropac Industries

Part # 67023
Description  HERMETIC , NUMERIC AND HEXADECIMAL DISPLAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

67023 Datasheet(HTML) 2 Page - Micropac Industries

  67023 Datasheet HTML 1Page - Micropac Industries 67023 Datasheet HTML 2Page - Micropac Industries 67023 Datasheet HTML 3Page - Micropac Industries 67023 Datasheet HTML 4Page - Micropac Industries 67023 Datasheet HTML 5Page - Micropac Industries 67023 Datasheet HTML 6Page - Micropac Industries 67023 Datasheet HTML 7Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL:
optosales@micropac.com
2 - 5
4N51, 4N52,
67023 4N53, 4N54
* HERMETIC, NUMERIC AND HEXIDECIMAL DISPLAYS
4N 52
4N 51
0.290 [7 .3 7]
0.190 [4 .8 3]
5°
0.530 [1 3.46 ]
0 .0 7 3 [1 .8 4 ]
0.220 [5 .5 9]
0.120 [3 .0 4]
0.400 [1 0.16 ]
0.290 [7 .3 7]
0.530 [13.46 ]
0.190 [4 .83]
0.220 [5 .5 9]
0.073 [1 .8 4]
0.400 [1 0.16 ]
5°
0.140 [3 .5 6]
4N53
4N54
0.150 [3.81]
SEATING PLANE
0.170
[4.32]
10°
1
2
3
4
8
7
6
5
0.400 [10.16]
X
Mii
YYWW
PIN 1 KEY
DATE CODE
XXX
0.600 [15.24]
LUMINOUS
INTENSITY
CATEGORY
REAR VIEW
SIDE VIEW
END VIEW
0.110
[2.79]
0.050
[1.27]
.012±.003
[0.3±0.08]
TYP
.020±.003
[0.5±0.08]
TYP
0.100±.005
[2.5±0.13]
TYP
0.136 [3.45]
0.060 [1.52]
0.530 [13.46]
0.290 [7.37]
0.400 [10.16]
0.190 [4.83]
0.073 [1.84]
5°
0.400 [10.16]
5°
0.072 [1.84]
0.290 [7.36]
0.190 [4.83]
0.530 [13.46]
0.190 [4.83]
0.083 [2.11]
0.150 [3.81]
SEATING PLANE
*JEDEC Registered Data



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com