Electronic Components Datasheet Search
  English  ▼

X  

PE4038 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4038
Description  SMA Male Right Angle Connector Solder Attachment For RG316, RG174, RG188
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4038 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4038 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4038 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4038 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Male Right Angle Connector Solder Attachment For RG316, RG174, RG188
Configuration
Connector
SMA Male
Connector Specification
MIL-STD-348A
Connector Interface Type
RG316,RG174,RG188
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Maximum VSWR
1.4:1
Maximum Operating Voltage, Volts
335
Mechanical Specifications
Temperature
Operating Range, deg C
-45 to +85
Size
Length, in [mm]
0.61 [15.49]
Width/Dia., in [mm]
0.312 [7.92]
Height, in [mm]
0.712 [18.08]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Male
Contact Material and Plating
Brass, Nickel
Contact Plating Specification
50µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Hex Size,
5/16
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle Connector Solder Attachment For RG316, RG174, RG188 PE4038
PE4038
PE4038 REV 1.0
SMA Male Right Angle Connector Solder
Attachment For RG316, RG174, RG188


Similar Part No. - PE4038

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4038 PASTERNACK-PE4038 Datasheet
373Kb / 3P
SMA Male Right Angle Connector Solder Attachment
PE4038 PASTERNACK-PE4038_16 Datasheet
373Kb / 3P
SMA Male Right Angle Connector Solder Attachment
More results

Similar Description - PE4038

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4009 PASTERNACK-PE4009 Datasheet
284Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4003 PASTERNACK-PE4003 Datasheet
245Kb / 2P
SMA MALE Connector Crimp/Solder Attachment For RG174,RG316,RG188
PE44188 PASTERNACK-PE44188 Datasheet
221Kb / 3P
RT SMA Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4784 PASTERNACK-PE4784 Datasheet
221Kb / 3P
RP SMA Male Right Angle Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE4785 PASTERNACK-PE4785 Datasheet
0Kb / 3P
RP SMA Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4786 PASTERNACK-PE4786 Datasheet
118Kb / 1P
REVERSE POLARITY SMA MALE RIGHT ANGLE SOLDER ATTACHMENT FOR RG174,RG188&RG316
PE4026 PASTERNACK-PE4026 Datasheet
252Kb / 2P
SMA Male Connector Clamp-Solder Attachment For RG174, RG316, RG188
PE4028 PASTERNACK-PE4028 Datasheet
460Kb / 3P
SMA Male Right Angle Connector Clamp-Solder Attachment For RG316, RG174, RG188
PE4036 PASTERNACK-PE4036 Datasheet
357Kb / 3P
SMA Male Connector Solder Attachment For RG174, RG316, RG188
PE4590 PASTERNACK-PE4590 Datasheet
101Kb / 1P
SMA MALE SOLDER ATTACHMENT FOR RG174, RG188& RG316
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com