Electronic Components Datasheet Search
  English  ▼

X  

PE4327 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4327
Description  SMA Male Right Angle Connector Crimp - Solder Attachment For RG59, RG62
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4327 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4327 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4327 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4327 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Male Right Angle Connector Crimp/Solder Attachment For RG59, RG62
Configuration
Connector
SMA Male
Connector Specification
MIL-C-39012
Connector Interface Type
RG59,RG62
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.924 [23.47]
Width/Dia., in [mm]
0.312 [7.92]
Height, in [mm]
0.615 [15.62]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Male
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle Connector Crimp/Solder Attachment For RG59, RG62 PE4327
PE4327
PE4327 REV
SMA Male Right Angle Connector Crimp/
Solder Attachment For RG59, RG62


Similar Part No. - PE4327

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4327 PASTERNACK-PE4327 Datasheet
319Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment
PE4327 PASTERNACK-PE4327_16 Datasheet
319Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment
More results

Similar Description - PE4327

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4075 PASTERNACK-PE4075 Datasheet
153Kb / 3P
MHV Male Connector Crimp/Solder Attachment For RG59, RG62
PE4432 PASTERNACK-PE4432 Datasheet
242Kb / 2P
N Male Connector Crimp/Solder Attachment For RG59, RG62
PE4071 PASTERNACK-PE4071 Datasheet
251Kb / 2P
TNC Male Connector Crimp/Solder Attachment For RG59, RG62
PE4195 PASTERNACK-PE4195 Datasheet
272Kb / 2P
BNC Male Right Angle Connector Crimp/ Solder attachment for RG59, RG62
PE4330 PASTERNACK-PE4330 Datasheet
317Kb / 2P
N Male Connector Crimp/Solder Attachment For RG59,RG62
PE4073 PASTERNACK-PE4073 Datasheet
207Kb / 2P
UHF Male Connector Crimp/Solder Attachment For RG59, RG62
PE4294 PASTERNACK-PE4294 Datasheet
241Kb / 2P
SMA Male Connector Crimp/Solder Attachment For RG59, RG62
PE4018 PASTERNACK-PE4018 Datasheet
247Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG59, RG62
PE4326 PASTERNACK-PE4326 Datasheet
215Kb / 2P
SMA Female Connector Crimp - Solder Attachment For RG59, RG62
PE4453 PASTERNACK-PE4453 Datasheet
209Kb / 2P
TNC Male Right Angle Connector Crimp - Solder Attachment For RG59, RG62
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com