Electronic Components Datasheet Search
  English  ▼

X  

PE4349 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4349
Description  SHV Plug Connector Crimp - Solder Attachment For RG214, RG9, RG225, RG393
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4349 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4349 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4349 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SHV Plug Connector Crimp/Solder Attachment
For RG214, RG9, RG225, RG393
SHV Plug Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
Configuration
Connector
SHV Plug
Connector Specification
MIL-STD-348A
Connector Interface Type
RG214,RG9,RG225,RG393
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, MHz
DC to 300
Impedance, Ohms
50
Maximum Operating Voltage, Volts
3,500
Dielectric Withstanding Voltage, Vrms
5,000
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
2.11 [53.59]
Width/Dia., in [mm]
0.57 [14]
.
Weight, lbs [g]
0.048 [21.77]
Connector
Type
SHV Plug
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/shv-plug-standard-rg214-rg9-rg225-rg393-connector-pe4349-p.aspx
SHV Plug Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393 from Pasternack Enterprises has same
day shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF,
microwave and fiber optic products.
PE4349
PE4349 REV


Similar Part No. - PE4349

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4349 PASTERNACK-PE4349 Datasheet
356Kb / 3P
SHV Plug Connector Crimp/Solder Attachment
PE4349 PASTERNACK-PE4349_16 Datasheet
356Kb / 3P
SHV Plug Connector Crimp/Solder Attachment
More results

Similar Description - PE4349

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4232 PASTERNACK-PE4232 Datasheet
267Kb / 3P
SC Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4474 PASTERNACK-PE4474 Datasheet
263Kb / 2P
HN Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4048 PASTERNACK-PE4048 Datasheet
266Kb / 3P
N Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE44051 PASTERNACK-PE44051 Datasheet
85Kb / 1P
UHF MALE CRIMP ATTACHMENT FOR RG9 RG214 RG225 &RG393
PE4447 PASTERNACK-PE4447 Datasheet
256Kb / 3P
TNC Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4375 PASTERNACK-PE4375 Datasheet
247Kb / 2P
C Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4351 PASTERNACK-PE4351 Datasheet
261Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4352 PASTERNACK-PE4352 Datasheet
220Kb / 2P
GR874 Sexless Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4352 PASTERNACK-PE4352 Datasheet
220Kb / 2P
GR874 Sexless Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE44477 PASTERNACK-PE44477 Datasheet
204Kb / 2P
RP N Female Connector Crimp-Solder Attachment For RG214, RG9, RG225, RG393
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com