Electronic Components Datasheet Search
  English  ▼

X  

PE4398 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4398
Description  SMA Male Connector Crimp - Solder Attachment For RG178, RG196
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4398 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4398 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4398 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4398 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMA Male
Connector Specification
MIL-STD-348A
Connector Interface Type
RG178, RG196
Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 1,000 MHz
Impedance
50 Ohms
Maximum VSWR
1.3:1
Maximum Operating Voltage
250 Volts
Dielectric Withstanding Voltage
500 Vrms
Mechanical Specifications
Temperature
Operating Range
-65 to +165 deg C
Size
Length
1.047 in [26.59 mm]
Width/Dia.
0.315 in [8.00 mm]
.
Weight
0.013 lbs [5.9 g]
Connector
Type
SMA Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
50µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Hex Size
5/16 in
Torque
5 in-lbs [0.57 Nm]
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Connector Crimp/Solder Attachment For RG178, RG196 PE4398
PE4398
PE4398 REV 1.0
SMA Male Connector Crimp/Solder
Attachment For RG178, RG196


Similar Part No. - PE4398

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4398 PASTERNACK-PE4398 Datasheet
398Kb / 3P
SMA Male Connector Crimp/Solder Attachment
PE4398 PASTERNACK-PE4398_16 Datasheet
398Kb / 3P
SMA Male Connector Crimp/Solder Attachment
More results

Similar Description - PE4398

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4325 PASTERNACK-PE4325 Datasheet
283Kb / 2P
SMA Female Connector Crimp/Solder Attachment For RG178, RG196
PE44381 PASTERNACK-PE44381 Datasheet
274Kb / 3P
SSMA Male Connector Crimp/Solder Attachment For RG178, RG196
PE4213 PASTERNACK-PE4213 Datasheet
103Kb / 1P
SMA MALE SOLDER ATTACHMENT FOR RG178 & RG196
PE44189 PASTERNACK-PE44189 Datasheet
252Kb / 2P
RT SMA Male Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4296 PASTERNACK-PE4296 Datasheet
289Kb / 3P
SMA Male Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE44185 PASTERNACK-PE44185 Datasheet
231Kb / 3P
RT SMA Male Connector Crimp/Solder Attachment For RG178, RG196
PE4214 PASTERNACK-PE4214 Datasheet
210Kb / 2P
SMA Male Connector Clamp/Solder Attachment For RG178, RG196
PE4788 PASTERNACK-PE4788 Datasheet
228Kb / 3P
RP SMA Male Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4643 PASTERNACK-PE4643 Datasheet
291Kb / 3P
BNC Male Connector Crimp - Solder Attachment For RG178, RG196
PE4774 PASTERNACK-PE4774 Datasheet
210Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG178, RG196
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com