Electronic Components Datasheet Search
  English  ▼

X  

PE4402 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4402
Description  SMA Male Connector Solder Attachment For RG188-DS, RG316-DS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4402 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4402 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4402 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4402 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Male Connector Solder Attachment For RG188-DS, RG316-DS
Configuration
Connector
SMA Male
Connector Specification
MIL-STD-348A
Connector Interface Type
RG188-DS,RG316-DS
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 12.4
Impedance, Ohms
50
Maximum Operating Voltage, Volts
335
Frequency 1
Frequency, GHz
DC to 3
VSWR
1.21:1
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +85
Size
Length, in [mm]
0.87 [22.1]
Width/Dia., in [mm]
0.313 [7.95]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMA Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Connector Solder Attachment For RG188-DS, RG316-DS PE4402
PE4402
PE4402 REV 1.1
SMA Male Connector Solder Attachment
For RG188-DS, RG316-DS


Similar Part No. - PE4402

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4402 PASTERNACK-PE4402 Datasheet
351Kb / 3P
SMA Male Connector Solder Attachment
PE44020 PASTERNACK-PE44020 Datasheet
209Kb / 3P
SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.018 inch Pin, .500 inch Flange Size
PE44021 PASTERNACK-PE44021 Datasheet
242Kb / 3P
SMA Male Connector Field Replaceable Attachment Hole Flange 0.020 inch Pin, .500 inch Flange Size
PE44022 PASTERNACK-PE44022 Datasheet
209Kb / 3P
SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.036 inch Pin, .500 inch Flange Size
PE44023 PASTERNACK-PE44023 Datasheet
262Kb / 3P
SMA Female Connector Field Replaceable Attachment 2 Hole Flange 0.012 inch Pin
More results

Similar Description - PE4402

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4400 PASTERNACK-PE4400 Datasheet
274Kb / 3P
SMA Male Connector Clamp/Solder Attachment For RG188-DS, RG316-DS
PE4399 PASTERNACK-PE4399 Datasheet
294Kb / 2P
SMA Male Connector Clamp/Solder Attachment For RG188-DS, RG316-DS
PE4417 PASTERNACK-PE4417 Datasheet
111Kb / 1P
SMA FEMALE SOLDER ATTACHMENT FOR RG188-DS & RG316-DS
PE4426 PASTERNACK-PE4426 Datasheet
115Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG188-DS & RG316-DS
PE4401 PASTERNACK-PE4401 Datasheet
263Kb / 3P
SMA Male Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PE4407 PASTERNACK-PE4407 Datasheet
228Kb / 3P
SMA Male Right Angle Connector Clamp - Solder Attachment For RG188-DS, RG316-DS
PE4408 PASTERNACK-PE4408 Datasheet
285Kb / 3P
SMA Male Right Angle Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PE4415 PASTERNACK-PE4415 Datasheet
207Kb / 2P
SMA Female Connector Clamp - Solder Attachment For RG188-DS, RG316-DS
PE45165 PASTERNACK-PE45165 Datasheet
356Kb / 3P
Reverse Thread SMA Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45183 PASTERNACK-PE45183 Datasheet
342Kb / 3P
Reverse Polarity SMA Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com