Electronic Components Datasheet Search
  English  ▼

X  

PE4408 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4408
Description  SMA Male Right Angle Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4408 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4408 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4408 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4408 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Male Right Angle Connector Crimp/Solder
Attachment For RG188-DS, RG316-DS
SMA Male Right Angle Connector Crimp/Solder Attachment For RG188-DS, RG316-DS
Configuration
Connector
SMA Male
Connector Specification
MIL-STD-348A
Connector Interface Type
RG188-DS,RG316-DS
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 3
Impedance, Ohms
50
Maximum VSWR
1.4:1
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
750
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.61 [15.49]
Width/Dia., in [mm]
0.313 [8]
Height, in [mm]
0.69 [17.53]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
50µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Hex Size, in
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMA Male Right Angle Connector Crimp/Solder Attachment For RG188-DS, RG316-DS
PE4408
PE4408
PE4408 REV


Similar Part No. - PE4408

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4408 PASTERNACK-PE4408 Datasheet
370Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment
PE44080 PASTERNACK-PE44080 Datasheet
301Kb / 2P
SHV Jack Bulkhead Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400, .480 inch D Hole
PE44081 PASTERNACK-PE44081 Datasheet
88Kb / 1P
MINI UHF MALE RIGHT ANGLE CRIMP ATTACHMENT FOR RG55 RG141 RG142 RG223 &RG400
PE44082 PASTERNACK-PE44082 Datasheet
261Kb / 2P
Mini UHF Male Right Angle Connector Crimp - Solder Attachment For RG58
PE44083 PASTERNACK-PE44083 Datasheet
89Kb / 1P
MINI UHF FEMALE CRIMP ATTACHMENT FOR RG55 RG141 RG142 RG223 &RG400
More results

Similar Description - PE4408

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4400 PASTERNACK-PE4400 Datasheet
274Kb / 3P
SMA Male Connector Clamp/Solder Attachment For RG188-DS, RG316-DS
PE4399 PASTERNACK-PE4399 Datasheet
294Kb / 2P
SMA Male Connector Clamp/Solder Attachment For RG188-DS, RG316-DS
PE45167 PASTERNACK-PE45167 Datasheet
413Kb / 3P
N Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE4401 PASTERNACK-PE4401 Datasheet
263Kb / 3P
SMA Male Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PE4402 PASTERNACK-PE4402 Datasheet
259Kb / 3P
SMA Male Connector Solder Attachment For RG188-DS, RG316-DS
PE4407 PASTERNACK-PE4407 Datasheet
228Kb / 3P
SMA Male Right Angle Connector Clamp - Solder Attachment For RG188-DS, RG316-DS
PE45165 PASTERNACK-PE45165 Datasheet
356Kb / 3P
Reverse Thread SMA Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45183 PASTERNACK-PE45183 Datasheet
342Kb / 3P
Reverse Polarity SMA Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45185 PASTERNACK-PE45185 Datasheet
365Kb / 3P
Reverse Polarity SMA Male Right Angle Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45174 PASTERNACK-PE45174 Datasheet
362Kb / 3P
TNC Male Right Angle Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com