Electronic Components Datasheet Search
  English  ▼

X  

PE4498 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4498
Description  SHV Plug Connector Clamp - Solder Attachment For RG174, RG316, RG188
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4498 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4498 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4498 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SHV Plug Connector Clamp/Solder Attachment
For RG174, RG316, RG188
SHV Plug Connector Clamp/Solder Attachment For RG174, RG316, RG188
Configuration
Connector
SHV Plug
Connector Specification
MIL-STD-348A
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, MHz
DC to 300
Impedance, Ohms
50
Maximum VSWR
1.5:1
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.83 [46.48]
Width/Dia., in [mm]
0.571 [15]
.
Weight, lbs [g]
0.055 [24.95]
Connector
Type
SHV Plug
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/shv-plug-standard-rg174-rg316-rg188-connector-pe4498-p.aspx
SHV Plug Connector Clamp/Solder Attachment For RG174, RG316, RG188 from Pasternack Enterprises has same day
shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF,
microwave and fiber optic products.
PE4498
PE4498 REV


Similar Part No. - PE4498

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4498 PASTERNACK-PE4498 Datasheet
412Kb / 3P
SHV Plug Connector Clamp/Solder Attachment
PE4498 PASTERNACK-PE4498_16 Datasheet
412Kb / 3P
SHV Plug Connector Clamp/Solder Attachment
More results

Similar Description - PE4498

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4270 PASTERNACK-PE4270 Datasheet
838Kb / 2P
SMC Jack Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE44093 PASTERNACK-PE44093 Datasheet
162Kb / 1P
SHV JACK BULKHEAD CLAMP ATTACHMENT FOR RG174 RG188 RG316
PE4030 PASTERNACK-PE4030 Datasheet
256Kb / 2P
SMA Female Connector Clamp/Solder Attachment For RG316, RG174, RG188
PE4268 PASTERNACK-PE4268 Datasheet
273Kb / 2P
SMB Jack Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE4262 PASTERNACK-PE4262 Datasheet
291Kb / 3P
SMC Plug Right Angle Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE44363 PASTERNACK-PE44363 Datasheet
306Kb / 2P
10-32 Female Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE4084 PASTERNACK-PE4084 Datasheet
293Kb / 3P
BNC Male Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE4026 PASTERNACK-PE4026 Datasheet
252Kb / 2P
SMA Male Connector Clamp-Solder Attachment For RG174, RG316, RG188
PE4200 PASTERNACK-PE4200 Datasheet
310Kb / 2P
SMB Plug Connector Clamp - Solder Attachment For RG174, RG316, RG188
PE4201 PASTERNACK-PE4201 Datasheet
309Kb / 2P
SMC Plug Connector Clamp - Solder Attachment For RG174, RG316, RG188
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com