Electronic Components Datasheet Search
  English  ▼

X  

PE4499 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4499
Description  SHV Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4499 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4499 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4499 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SHV Jack Bulkhead Connector Solder Attachment
Solder Cup Terminal, .480 inch D Hole
SHV Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
Configuration
Connector
SHV Jack
Connector Specification
MIL-STD-348A
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, MHz
DC to 300
Impedance, Ohms
50
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
3,500
Dielectric Withstanding Voltage, Vrms
5,000
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.78 [45.21]
Width/Dia., in [mm]
0.689 [18]
Weight, lbs [g]
0.041 [18.6]
Connector
Type
SHV Jack
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/shv-jack-standard-solder-cup-terminal-connector-pe4499-p.aspx
SHV Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole from Pasternack Enterprises has
same day shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of
RF, microwave and fiber optic products.
PE4499
PE4499 REV


Similar Part No. - PE4499

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4499 PASTERNACK-PE4499 Datasheet
347Kb / 3P
SHV Jack Bulkhead Mount Connector Solder Attachment
PE44993 PASTERNACK-PE44993 Datasheet
243Kb / 3P
7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Annular
PE44994 PASTERNACK-PE44994 Datasheet
224Kb / 2P
7/16 DIN Male Connector Crimp/Solder Attachment For PE-C240, LMR-240, RG8X
PE44995 PASTERNACK-PE44995 Datasheet
316Kb / 2P
N Male Connector Clamp - Solder Attachment For 1 - 2 inch Annular, IP 67 Rated
PE44996 PASTERNACK-PE44996 Datasheet
420Kb / 3P
SMA Male Right Angle Connector Clamp - Solder Attachment for RG402, PE-P141, PE-SR402FLJ
More results

Similar Description - PE4499

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4500 PASTERNACK-PE4500 Datasheet
217Kb / 3P
SHV Jack Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE44118 PASTERNACK-PE44118 Datasheet
253Kb / 2P
SHV Plug Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE44306 PASTERNACK-PE44306 Datasheet
254Kb / 3P
MCX Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole
PE4238 PASTERNACK-PE4238 Datasheet
254Kb / 2P
BNC Twinax Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4315 PASTERNACK-PE4315 Datasheet
302Kb / 2P
SHV Jack Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4468 PASTERNACK-PE4468 Datasheet
257Kb / 3P
TNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4318 PASTERNACK-PE4318 Datasheet
834Kb / 3P
BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4501 PASTERNACK-PE4501 Datasheet
229Kb / 3P
SHV Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PE4495 PASTERNACK-PE4495 Datasheet
217Kb / 2P
MHV Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4239 PASTERNACK-PE4239 Datasheet
355Kb / 3P
SHV Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com