Electronic Components Datasheet Search
  English  ▼

X  

PE44032 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44032
Description  SMA Male Connector Field Replaceable Attachment 2 Hole Flange 0.036 inch Pin
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44032 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44032 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44032 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44032 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Male Connector Field Replaceable Attachment 2 Hole Flange 0.036 inch Pin
Configuration
Connector
SMA Male
Connector Interface Type
0.036 inch Pin
Cable Attachment Method (Shield/Contact)
Field Replaceable
Body Style
Straight
Mount Method
2 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.5 [12.7]
Width/Dia., in [mm]
0.26 [6.60]
Height, in [mm]
0.64 [16.26]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Male
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Connector Field Replaceable Attachment 2 Hole Flange 0.036 inch Pin PE44032
PE44032
PE44032 REV 01
SMA Male Connector Field Replaceable
Attachment 2 Hole Flange 0.036 inch Pin


Similar Part No. - PE44032

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4403 PASTERNACK-PE4403 Datasheet
121Kb / 1P
SMA MALE SOLDER/CLAMP
PE44030 PASTERNACK-PE44030 Datasheet
172Kb / 2P
SMA Male Field Replaceable Connector With EMI Gasket 2 Hole Flange 0.018 inch Pin
PE44031 PASTERNACK-PE44031 Datasheet
243Kb / 3P
SMA Male Connector Field Replaceable Attachment 2 Hole Flange 0.020 inch Pin
PE44033 PASTERNACK-PE44033 Datasheet
206Kb / 2P
D-Sub Receptacle Right Angle Contact Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44034 PASTERNACK-PE44034 Datasheet
835Kb / 2P
D-Sub Receptacle Right Angle Contact Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
More results

Similar Description - PE44032

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44029 PASTERNACK-PE44029 Datasheet
825Kb / 3P
SMA Male Connector Field Replaceable Attachment 2 Hole Flange 0.015 inch Pin
PE44031 PASTERNACK-PE44031 Datasheet
243Kb / 3P
SMA Male Connector Field Replaceable Attachment 2 Hole Flange 0.020 inch Pin
PE44021 PASTERNACK-PE44021 Datasheet
242Kb / 3P
SMA Male Connector Field Replaceable Attachment Hole Flange 0.020 inch Pin, .500 inch Flange Size
PE44024 PASTERNACK-PE44024 Datasheet
221Kb / 3P
SMA Female Connector Field Replaceable Attachment 2 Hole Flange 0.015 inch Pin
PE44026 PASTERNACK-PE44026 Datasheet
228Kb / 3P
SMA Female Connector Field Replaceable Attachment 2 Hole Flange 0.020 inch Pin
PE44022 PASTERNACK-PE44022 Datasheet
209Kb / 3P
SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.036 inch Pin, .500 inch Flange Size
PE44023 PASTERNACK-PE44023 Datasheet
262Kb / 3P
SMA Female Connector Field Replaceable Attachment 2 Hole Flange 0.012 inch Pin
PE44025 PASTERNACK-PE44025 Datasheet
220Kb / 3P
SMA Female Connector Field Replaceable Attachment 2 Hole Flange 0.018 inch Pin
PE44009 PASTERNACK-PE44009 Datasheet
211Kb / 3P
SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.036 inch Pin, .375 inch Flange Size
PE45055 PASTERNACK-PE45055 Datasheet
374Kb / 3P
SMA Female Field Replaceable Connector 2 Hole Flange Mount 0.036 Inch Pin
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com