Electronic Components Datasheet Search
  English  ▼

X  

PE44190 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44190
Description  RT SMA Female Connector Crimp - Solder Attachment For RG55, RG141, RG142, RG223, RG400
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44190 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44190 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44190 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44190 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
RT SMA Female Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
Configuration
Connector
SMA Female Reverse Thread
Connector Specification
MIL-C-39012
Connector Interface Type
RG55,RG141,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.908 [23.06]
Width/Dia., in [mm]
0.312 [7.92]
.
Weight, lbs [g]
0.009 [4.08]
Connector
Type
SMA Female Reverse Thread
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RT SMA Female Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223,
RG400 PE44190
PE44190
PE44190 REV
RT SMA Female Connector Crimp/Solder Attachment
For RG55, RG141, RG142, RG223, RG400


Similar Part No. - PE44190

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4419 PASTERNACK-PE4419 Datasheet
264Kb / 2P
SMA Female Bulkhead Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400, .235 inch D Hole
PE4419 PASTERNACK-PE4419 Datasheet
354Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE44191 PASTERNACK-PE44191 Datasheet
83Kb / 1P
REVERSE THREAD SMA FEMALE, CRIMP ATTACHMENT FOR RG58
PE44192 PASTERNACK-PE44192 Datasheet
217Kb / 2P
RT SMA Female Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE44193 PASTERNACK-PE44193 Datasheet
220Kb / 2P
RT SMA Female Connector Crimp - Solder Attachment For RG178, RG196
More results

Similar Description - PE44190

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44100 PASTERNACK-PE44100 Datasheet
87Kb / 1P
MHV FEMALE CRIMP ATTACHMENT FOR RG55, RG141, RG142 RG223&RG400
PE44107 PASTERNACK-PE44107 Datasheet
85Kb / 1P
MHV FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG55 RG141 RG142 RG223 & RG400
PE4412 PASTERNACK-PE4412 Datasheet
241Kb / 2P
SMA Female Connector Crimp/solder Attachment For RG55,RG142,RG223,RG400
PE44182 PASTERNACK-PE44182 Datasheet
248Kb / 2P
RT SMA Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4134 PASTERNACK-PE4134 Datasheet
267Kb / 3P
N Female Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE44186 PASTERNACK-PE44186 Datasheet
222Kb / 3P
RT SMA Male Right Angle Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4767 PASTERNACK-PE4767 Datasheet
213Kb / 2P
RP SMA Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4793 PASTERNACK-PE4793 Datasheet
221Kb / 3P
RP SMA Female Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE44194 PASTERNACK-PE44194 Datasheet
211Kb / 2P
RT SMA Female Bulkhead Connector Crimp - Solder Attachment For RG55, RG141, RG142, RG223, RG400, .235 inch D Hole
PE44057 PASTERNACK-PE44057 Datasheet
88Kb / 1P
UHF FEMALE, CRIMP ATTACHMENT FOR RG55, RG141, RG142, RG223 & RG400
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com