Electronic Components Datasheet Search
  English  ▼

X  

TPS70145PWPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70145PWPR
Description  Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70145PWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS70145PWPR Datasheet HTML 17Page - Texas Instruments TPS70145PWPR Datasheet HTML 18Page - Texas Instruments TPS70145PWPR Datasheet HTML 19Page - Texas Instruments TPS70145PWPR Datasheet HTML 20Page - Texas Instruments TPS70145PWPR Datasheet HTML 21Page - Texas Instruments TPS70145PWPR Datasheet HTML 22Page - Texas Instruments TPS70145PWPR Datasheet HTML 23Page - Texas Instruments TPS70145PWPR Datasheet HTML 24Page - Texas Instruments TPS70145PWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
10
1
0.1
0.01
0
100
200
300
400
500
IO −Output Current −mA
50 m
Ω
REGION OF INSTABILITY
REGION OF INSTABILITY
VO = 1.8 V
CO = 33 mF
TJ = 255C
10
1
0.1
0.01
0
100
200
300
400
500
IO −Output Current −mA
50 m
Ω
REGION OF INSTABILITY
REGION OF INSTABILITY
VO = 1.8 V
CO = 33 mF + 1 mF
TJ = 255C
10
1
0.1
0.01
0
100
200
300
400
500
IO −Output Current −mA
REGION OF INSTABILITY
REGION OF INSTABILITY
50mW
VO = 1.8 V
CO = 10 mF
TJ = 255C
10
1
0.1
0.01
0
100
200
300
400
500
IO −Output Current −mA
50 m
Ω
REGION OF INSTABILITY
REGION OF INSTABILITY
VO = 1.8 V
CO = 10 mF + 1 mF
TJ = 255C
TPS70145, TPS70148
TPS70151, TPS70158
TPS70102
www.ti.com
SLVS222I – DECEMBER 1999 – REVISED AUGUST 2010
TYPICAL REGION OF STABILITY
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE(1)
EQUIVALENT SERIES RESISTANCE(1)
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 35.
Figure 36.
TYPICAL REGION OF STABILITY
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE(1)
EQUIVALENT SERIES RESISTANCE(1)
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 37.
Figure 38.
(1) Equivalent series resistance (ESR) refers to the total series resistance, including the ESR of the capacitor, any
series resistance added externally, and PWB trace resistance to CO.
Copyright © 1999–2010, Texas Instruments Incorporated
Submit Documentation Feedback
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com