Electronic Components Datasheet Search
  English  ▼

X  

PE44342 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44342
Description  SMA Female Precision Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44342 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44342 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44342 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44342 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
SMA Female Precision Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Precision Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole
Spacing PE44342
URL:
http://www.pasternack.com/sma-female-standard-thru-hole-pcb-connector-pe44342-p.aspx
PE44342
PE44342 REV 1.1
SMA Female Precision Connector Solder Attachment
Thru Hole PCB, .200 inch x .067 inch Hole Spacing



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com