Electronic Components Datasheet Search
  English  ▼

X  

PE44343 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44343
Description  SMA Female Precision Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing 27 GHz Rated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44343 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44343 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44343 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44343 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
SMA Female Precision Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing 27 GHz
Rated from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Precision Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481
inch Hole Spacing 27 GHz Rated PE44343
URL:
http://www.pasternack.com/sma-female-standard-stub-terminal-connector-pe44343-p.aspx
SMA Female Precision Connector Solder
Attachment 2 Hole Flange Mount Stub Terminal,
.481 inch Hole Spacing 27 GHz Rated
PE44343
PE44343 REV 1.1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com