Electronic Components Datasheet Search
  English  ▼

X  

PE44591 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44591
Description  SMA Female Bulkhead Precision Connector Solder Attachment Stub Terminal, .250 inch Diameter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44591 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44591 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44591 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44591 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Female Bulkhead Precision Connector Solder Attachment Stub Terminal, .250 inch Diameter
Configuration
Connector
SMA Female
Connector Interface Type
Stub
Cable Attachment Method (Shield/Contact)
Solder
Connector Design
Precision
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum VSWR
1.51:1
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
1,000
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.66 [16.76]
Width/Dia., in [mm]
0.312 [7.92]
.
Connector
Type
SMA Female
Contact Material and Plating
Beryllium Copper, Gold
Outer Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
Teflon
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Bulkhead Precision Connector Solder Attachment Stub Terminal, .250 inch
Diameter PE44591
PE44591
PE44591 REV
SMA Female Bulkhead Precision Connector Solder
Attachment Stub Terminal, .250 inch Diameter


Similar Part No. - PE44591

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4459 PASTERNACK-PE4459 Datasheet
206Kb / 2P
TNC Female Connector Crimp - Solder Attachment For RG59, RG62
PE4459 PASTERNACK-PE4459 Datasheet
318Kb / 3P
TNC Female Connector Crimp/Solder Attachment
PE44590 PASTERNACK-PE44590 Datasheet
212Kb / 2P
75 Ohm Mini SMB Jack Precision Connector Crimp/ Solder Attachment For Mini 59, PE-B159
PE44592 PASTERNACK-PE44592 Datasheet
247Kb / 3P
HN Male Right Angle Connector Clamp - Solder Attachment For RG14, RG217
PE44593 PASTERNACK-PE44593 Datasheet
376Kb / 3P
SMA Female Right Angle Connector Solder Attachment 2 Hole Flange Mount Pin Terminal, .481 inch Hole Spacing
More results

Similar Description - PE44591

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44344 PASTERNACK-PE44344 Datasheet
216Kb / 3P
SMA Female Bulkhead Precision Connector Solder Attachment Stub Terminal, .250 inch Diameter
PE4549 PASTERNACK-PE4549 Datasheet
297Kb / 2P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .250 inch Diameter
PE4528 PASTERNACK-PE4528 Datasheet
215Kb / 2P
SMA Female Bulkhead Hermetically Sealed Connector Solder Attachment Stub Terminal, .235 inch D Hole
PE4532 PASTERNACK-PE4532 Datasheet
212Kb / 2P
SMA Female Bulkhead Hermetically Sealed Connector Solder Attachment Stub Terminal, .250 inch Diameter
PE4872 PASTERNACK-PE4872 Datasheet
241Kb / 2P
RP SMA Female Bulkhead Connector Solder Attachment Thru Hole PCB, .250 inch Diameter
PE44211 PASTERNACK-PE44211 Datasheet
217Kb / 2P
SMA Female Bulkhead Connector Solder Attachment 0.042 inch End Launch PCB, .250 inch Diameter, .030 inch Diameter
PE4189 PASTERNACK-PE4189 Datasheet
204Kb / 2P
SMA Female Bulkhead Connector Solder Attachment Stub Terminal, .250 inch Diameter
PE4530 PASTERNACK-PE4530 Datasheet
383Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Stub Terminal, .250 inch Diameter Front Mount IP 67 Rated
PE4531 PASTERNACK-PE4531 Datasheet
220Kb / 3P
SMA Male Bulkhead Hermetically Sealed Connector Solder Attachment Stub Terminal, .250 inch Diameter
PE4189 PASTERNACK-PE4189_16 Datasheet
315Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment Stub Terminal, .250 inch Diameter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com