Electronic Components Datasheet Search
  English  ▼

X  

PE44593 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44593
Description  SMA Female Right Angle Connector Solder Attachment 2 Hole Flange Mount Pin Terminal, .481 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44593 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44593 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44593 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44593 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMA Female
Connector Specification
MIL-C-39012
Connector Interface Type
Pin
Attachment Method (Shield/Contact)
Solder
Body Style
Right Angle
Mount Method
2 Hole Flange
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Temperature
Operating Range
-65 to +165 deg C
Size
Length
0.905 in [22.99 mm]
Width/Dia.
0.625 in [15.88 mm]
Height
0.598 in [15.19 mm]
.
Weight
0.015 lbs [6.8 g]
Connector
Type
SMA Female
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Right Angle Connector Solder Attachment 2 Hole Flange Mount Pin Terminal,
.481 inch Hole Spacing PE44593
PE44593
PE44593 REV 1.1
SMA Female Right Angle Connector Solder Attachment
2 Hole Flange Mount Pin Terminal, .481 inch Hole Spacing


Similar Part No. - PE44593

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4459 PASTERNACK-PE4459 Datasheet
206Kb / 2P
TNC Female Connector Crimp - Solder Attachment For RG59, RG62
PE4459 PASTERNACK-PE4459 Datasheet
318Kb / 3P
TNC Female Connector Crimp/Solder Attachment
PE44590 PASTERNACK-PE44590 Datasheet
212Kb / 2P
75 Ohm Mini SMB Jack Precision Connector Crimp/ Solder Attachment For Mini 59, PE-B159
PE44591 PASTERNACK-PE44591 Datasheet
250Kb / 3P
SMA Female Bulkhead Precision Connector Solder Attachment Stub Terminal, .250 inch Diameter
PE44592 PASTERNACK-PE44592 Datasheet
247Kb / 3P
HN Male Right Angle Connector Clamp - Solder Attachment For RG14, RG217
More results

Similar Description - PE44593

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44238 PASTERNACK-PE44238 Datasheet
302Kb / 3P
SMA Female Right Angle Connector Solder Attachment 2 Hole Flange Pin Terminal, .481 inch Hole Spacing, 45 Degree Flange Direction
PE4867 PASTERNACK-PE4867 Datasheet
254Kb / 3P
RP SMA Female Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .481 inch Hole Spacing
PE44237 PASTERNACK-PE44237 Datasheet
302Kb / 3P
SMA Female Right Angle Connector Solder Attachment 2 Hole Flange Pin Terminal, .481 inch Hole Spacing, 90 Degree Flange Direction
PE44239 PASTERNACK-PE44239 Datasheet
303Kb / 3P
SMA Female Right Angle Connector Solder Attachment 2 Hole Flange Pin Terminal, .481 inch Hole Spacing, -45 Degree Flange Direction
PE4370 PASTERNACK-PE4370 Datasheet
235Kb / 2P
SMA Female Connector Solder Attachment 2 Hole Flange Tab Terminal, .481 inch Hole Spacing
PE4004 PASTERNACK-PE4004 Datasheet
254Kb / 2P
SMA Female Connector Solder Attachment 2 Hole Flange Tab Terminal, .481 inch Hole Spacing
PE44341 PASTERNACK-PE44341 Datasheet
371Kb / 3P
SMA Female Precision Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal, .481 inch Hole Spacing
PE4127 PASTERNACK-PE4127_16 Datasheet
347Kb / 3P
SMA Male Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing
PE4370 PASTERNACK-PE4370_17 Datasheet
670Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount Tab Terminal, .481 inch Hole Spacing
PE44217 PASTERNACK-PE44217 Datasheet
327Kb / 3P
2.4mm Female Connector Solder Attachment 2 Hole Flange Mount Pin Terminal, .481 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com