Electronic Components Datasheet Search
  English  ▼

X  

2SA2197 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SA2197
Description  DC / DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA2197 Datasheet(HTML) 2 Page - ON Semiconductor

  2SA2197 Datasheet HTML 1Page - ON Semiconductor 2SA2197 Datasheet HTML 2Page - ON Semiconductor 2SA2197 Datasheet HTML 3Page - ON Semiconductor 2SA2197 Datasheet HTML 4Page - ON Semiconductor 2SA2197 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SA2197 / 2SC6102
Rev.0 I Page 2 of 5 I www.onsemi.com
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)2.5A, IB=(--)50mA
(--160)125
(--240)185
mV
Base-to-Emitterr Saturation Voltage
VBE(sat)
VCE=(--)2.5V, IB=(--)50mA
(--)0.84
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10µA, IE=0A
(--30)40
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)30
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10µA, IC=0A
(--)6
V
Turn-On Time
ton
See specified Test Circuit.
(30)30
ns
Storage Time
tstg
See specified Test Circuit.
(190)320
ns
Fall Time
tf
See specified Test Circuit.
(17)14
ns
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7515-002
8.0
4.0
1.6
0.8
0.6
0.8
0.5
2.7
12
3
3.0
4.8
2.4
1 : Emitter
2 : Collector
3 : Base
SANYO : TO-126
IC -- VCE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
7
6
3
4
5
1
2
1.6
0.4
0.8
1.2
1.8
0.2
0.6
1.0
1.4
2.0
0
0
IB=0mA
5mA
10mA
15mA
20mA
IT11479
--7
--6
--3
--4
--5
--1
--2
0
0--0.2
--0.6
--1.0
--0.4
--0.8
--1.2
--1.8
--1.4
--1.6
--2.0
--10mA
--15mA
IB=0mA
IT11478
--20mA
--40mA
2SA2197
2SC6102
--5mA
--30mA
--50mA
30mA
40mA
50mA
--25mA
25mA
VR
RB
VCC=12V
VBE= --5V
+
+
50Ω
INPUT
OUTPUT
100µF
470µF
PW=20µs
IB1
D.C.≤1%
IB2
20IB1= --20IB2=IC=2.5A
For PNP, the polarity is reversed.
RL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com