Electronic Components Datasheet Search
  English  ▼

X  

2SC6102 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SC6102
Description  DC / DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC6102 Datasheet(HTML) 1 Page - ON Semiconductor

  2SC6102 Datasheet HTML 1Page - ON Semiconductor 2SC6102 Datasheet HTML 2Page - ON Semiconductor 2SC6102 Datasheet HTML 3Page - ON Semiconductor 2SC6102 Datasheet HTML 4Page - ON Semiconductor 2SC6102 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SA2197 / 2SC6102
Rev.0 I Page 1 of 5 I www.onsemi.com
Applications
•
Relay drivers, lamp drivers, motor drivers, flash.
Features
•
Adoption of MBIT process.
•
Large current capacitance.
•
Low collector-to-emitter saturation voltage.
•
High-speed switching.
•
High allowable power dissipation.
Specifications ( ) : 2SA2197
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--30)40
V
Collector-to-Emitter Voltage
VCEO
(--)30
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)7
A
Collector Current (Pulse)
ICP
(--)9
A
Base Current
IB
(--)1.2
A
Collector Dissipation
PC
1W
Tc=25°C10
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=(--)30V, IE=0A
(--)0.1
µA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)0.1
µA
DC Current Gain
hFE
VCE=(--)2V, IC=(--)500mA
200
560
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)500mA
(250)290
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(52)40
pF
Continued on next page.
2SA2197 / 2SC6102
PNP / NPN Epitaxial Planar Silicon Transistors
DC / DC Converter Applications
Ordering number : ENA0463
© 2011, SCILLC. All rights reserved.
Jan-2011, Rev. 0
www.onsemi.com
Publication Order Number:
2SA2197_2SC6102/D


Similar Part No. - 2SC6102

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC6102 SANYO-2SC6102 Datasheet
49Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
More results

Similar Description - 2SC6102

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1973 SANYO-2SA1973 Datasheet
44Kb / 4P
DC/DC Converter Applications
2SA2022 SANYO-2SA2022 Datasheet
51Kb / 5P
DC/DC Converter Applications
2SA2025 SANYO-2SA2025 Datasheet
38Kb / 4P
DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
DC / DC Converter Applications
CPH5815 SANYO-CPH5815 Datasheet
39Kb / 5P
DC / DC Converter Applications
FTS2022 SANYO-FTS2022 Datasheet
41Kb / 4P
DC / DC Converter Applications
2SA2012 SANYO-2SA2012_11 Datasheet
93Kb / 5P
DC / DC Converter Applications
2SA2013 SANYO-2SA2013_05 Datasheet
63Kb / 5P
DC / DC Converter Applications
CPH3121 SANYO-CPH3121_11 Datasheet
71Kb / 5P
DC / DC Converter Applications
CPH6121 SANYO-CPH6121 Datasheet
53Kb / 4P
DC / DC Converter Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com