Electronic Components Datasheet Search
  English  ▼

X  

2SD600 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SD600
Description  Power Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD600 Datasheet(HTML) 3 Page - ON Semiconductor

  2SD600 Datasheet HTML 1Page - ON Semiconductor 2SD600 Datasheet HTML 2Page - ON Semiconductor 2SD600 Datasheet HTML 3Page - ON Semiconductor 2SD600 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SB631, 631K/2SD600, 600K
Rev.0 I Page 3 of 4 I www.onsemi.com
PC -- Tc
10
8
2
4
3.9
6
5.7
9
7
1
3
5
0
40
2025
60
80
100
120
140
160
0
ITR08286
VCE(sat) -- IC
ITR08284
--0.01
--0.1
--1.0
5
5
7
7
3
3
2
2
--1.0
--10
--100
--1000
22
2
2
33
3
3
55
5
1.0
10
100
1000
22
2
2
33
3
3
55
5
2SB631, K / 2SD600, K
Mica(IS -- 126)
With silicone grease
100
×100
×1.5mm
3AI
50×50×
1.5mm
3 AI
0.01
0.1
2
5
5
3
2
2
5
5
3
3
1.0
10
100120
1.0
23
5
5
3
77
23
2
ITR08287
A S O
DC
operation
hFE -- IC
10
100
3
5
5
5
7
7
2
3
2
33
3
3
55
5
5
2222
--1.0
--10
--100
--1000
ITR08282
2SB631, 631K
f=1MHz
Cob -- VCB
ITR08280
100
10
5
5
7
7
3
2
2
22
33
55
5
77
7
--1.0
--10
--100
2SD600, 600K
f=1MHz
Cob -- VCB
ITR08281
100
10
5
5
7
7
3
2
2
22
33
55
5
77
7
1.0
10
100
2SB631, 631K
VCE=--5V
2SB631, 631K
IC / IB=10
VCE(sat) -- IC
ITR08285
0.01
0.1
1.0
5
5
5
7
7
7
3
3
2
2
2SD600, 600K
IC / IB=10
2SB631, K / 2SD600, K
2SB631
2SD600
hFE -- IC
10
100
3
5
5
5
7
7
2
3
2
33
3
3
55
5
5
2222
1.0
10
100
1000
ITR08283
2SD600, 600K
VCE=5V
Ta=25
°C, Single pulse
(For PNP, minus sign
is omitted.)
Collector Current, IC –mA
Collector Current, IC –mA
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
Collector Current, IC –mA
Collector Current, IC –mA
Case Temperature, Tc – ˚C
Collector-to-Emitter Voltage, VCE –V
ICP=2A
IC=1A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com