Electronic Components Datasheet Search
  English  ▼

X  

2SD600K Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SD600K
Description  Power Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD600K Datasheet(HTML) 2 Page - ON Semiconductor

  2SD600K Datasheet HTML 1Page - ON Semiconductor 2SD600K Datasheet HTML 2Page - ON Semiconductor 2SD600K Datasheet HTML 3Page - ON Semiconductor 2SD600K Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SB631, 631K/2SD600, 600K
Rev.0 I Page 2 of 4 I www.onsemi.com
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F 1V E
C
I
,
V
5
)
–
(
=
C
A
m
0
5
)
–
(
=*
0
6*
0
2
3
h E
F 2V E
C
I
,
V
5
)
–
(
=
C
A
m
0
0
5
)
–
(
=0
2
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
0
1
)
–
(
=
C
A
m
0
5
)
–
(
=
)
0
1
1
(z
H
M
0
3
1z
H
M
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
OC b
o
V B
C
z
H
M
1
=
f
,
V
0
1
)
–
(
=0
2
)
0
3
(F
p
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
)
t
a
s
(
E
C
IC
I
,
A
m
0
0
5
)
–
(
=
B
A
m
0
5
)
–
(
=5
1
.
0
)
–
(4
.
0
)
–
(V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
e
s
a
BV
)
t
a
s
(
E
B
IC
I
,
A
m
0
0
5
)
–
(
=
B
A
m
0
5
)
–
(
=5
8
.
0
)
–
(2
.
1
)
–
(V
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S
)
0
8
(s
n
0
0
1s
n
e
m
i
T
F
F
O
-
n
r
u
Tt ff
o
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S
)
0
0
1
(s
n
0
0
5s
n
e
m
i
T
e
g
a
r
o
t
St g
t
s
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S
)
0
0
6
(s
n
0
0
7s
n
* : The 2SB631/2SD600 are classified by 50mA hFE as follows :
k
n
a
RD
E
F
h E
F
0
2
1
o
t
0
60
0
2
o
t
0
0
10
2
3
o
t
0
6
1
Switching Time Test Circuit
Continued on next page.
100
Ω
+12V
--2V
VCE=12V
IC=10IB1= --10IB2=500mA
(For PNP, the polarity is reversed.)
24
Ω
1
Ω
1
μF1μF
PW=20
μs
IB1
IB2
0
0
--1
--2
--3
--4
--6
--5
IC -- VCE
ITR08276
--1.6
--0.4
--0.6
--1.2
--1.4
--0.8
--1.0
--0.2
0
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
IC -- VBE
ITR08278
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
IB=0
--2mA
--4mA
--6mA
--8mA
--10mA
--12mA
--15mA
--20mA
0
01
2
3
4
6
5
IC -- VCE
ITR08277
1.6
0.4
0.6
1.2
1.4
0.8
1.0
0.2
IB=0
12mA
15mA
20mA
10mA
2mA
4mA
6mA
8mA
2SB631, 631K
VCE= --5V
2SB631, 631K
Tc=25
°C
2SD600, 600K
Tc=25
°C
0
0
0.2
0.4
0.6
0.8
1.0
1.2
IC -- VBE
ITR08279
0.2
0.4
0.6
0.8
1.0
1.2
1.4
2SD600, 600K
VCE=5V
Collector-to-Emitter Voltage, VCE –V
Collector-to-Emitter Voltage, VCE –V
Base-to-Emitter Voltage, VBE –V
Base-to-Emitter Voltage, VBE –V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com