Electronic Components Datasheet Search
  English  ▼

X  

PE4548 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4548
Description  SMA Female Connector Solder Attachment 4 Hole Flange For PE-047SR, PE-SR047AL, PE-SR047FL, .340 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4548 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4548 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4548 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4548 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Female Connector Solder Attachment 4 Hole Flange For PE-047SR, PE-SR047AL, PE-SR047FL,
.340 inch Hole Spacing
Configuration
Connector
SMA Female
Connector Specification
MIL-STD-348
Connector Interface Type
PE-047SR,PE-SR047AL,PE-SR047FL
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum VSWR
1.25:1
Mechanical Specifications
Size
Length, in [mm]
0.44 [11.18]
Width/Dia., in [mm]
0.5 [12.70]
Height, in [mm]
0.5 [12.7]
.
Weight, lbs [g]
0.008 [3.63]
Connector
Type
SMA Female
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204, Type II, Class 2
Body Material and Plating
Stainless Steel, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Connector Solder Attachment 4 Hole Flange For PE-047SR, PE-SR047AL, PE-
SR047FL, .340 inch Hole Spacing PE4548
PE4548
PE4548 REV 1.1
SMA Female Connector Solder Attachment 4 Hole Flange For
PE-047SR, PE-SR047AL, PE-SR047FL, .340 inch Hole Spacing


Similar Part No. - PE4548

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4548 PASTERNACK-PE4548 Datasheet
382Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount
PE4548 PASTERNACK-PE4548_16 Datasheet
382Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount
More results

Similar Description - PE4548

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44429 PASTERNACK-PE44429 Datasheet
297Kb / 2P
SSMA Female Bulkhead Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL, .177 inch D Hole
PE44436 PASTERNACK-PE44436 Datasheet
220Kb / 3P
SSMA Female Connector Solder Attachment 2 Hole Flange For PE-047SR, PE-SR047AL, PE-SR047FL, .328 inch Hole Spacing
PE4547 PASTERNACK-PE4547 Datasheet
230Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange For PE-047SR, PE-SR047AL, PE-SR047FL, .481 inch Hole Spacing
PE4581 PASTERNACK-PE4581 Datasheet
232Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL, .235 inch D Hole
PE44888 PASTERNACK-PE44888 Datasheet
418Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Mount for PE-047SR, PE-SR047FL, PE-SR047AL IP 68 Rated
PE4404 PASTERNACK-PE4404 Datasheet
384Kb / 3P
SMA Male Connector Solder Attachment For PE - 047SR, PE-SR047AL, PE-SR047FL
PE4418 PASTERNACK-PE4418 Datasheet
413Kb / 3P
SMA Female Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE44425 PASTERNACK-PE44425 Datasheet
228Kb / 3P
SSMA Female Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44438 PASTERNACK-PE44438 Datasheet
228Kb / 3P
SSMA Female Connector Solder Attachment 4 Hole Flange For PE-047SR, PE-SR047AL, PE-SR047FL, .232 inch Hole Spacing
PE44757 PASTERNACK-PE44757 Datasheet
373Kb / 3P
SMA Male Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com