Electronic Components Datasheet Search
  English  ▼

X  

PE4589 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4589
Description  SMA Male Connector Crimp - Solder (Captive Contact) Attachment for RG174, RG316, RG188
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4589 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4589 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4589 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4589 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMA Male
Connector Specification
MIL-STD-348A
Connector Interface Type
RG174, RG316, RG188
Attachment Method (Shield/Contact)
Crimp/Solder (Captive Contact)
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 3 GHz
Impedance
50 Ohms
Maximum VSWR
1.3:1
Maximum Operating Voltage
335 Volts
Mechanical Specifications
Temperature
Operating Range
-65 to +165 deg C
Size
Length
1.06 in [26.92 mm]
Width/Dia.
0.312 in [7.92 mm]
.
Weight
0.013 lbs [5.9 g]
Connector
Type
SMA Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
50µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Hex Size
5/16 in.
Torque
5 in-lbs [0.57 Nm]
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMA Male Connector Crimp/Solder (Captive Contact) Attachment for RG174, RG316,
RG188 PE4589
PE4589
PE4589 REV 1.2
SMA Male Connector Crimp/Solder (Captive Contact)
Attachment for RG174, RG316, RG188


Similar Part No. - PE4589

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4589 PASTERNACK-PE4589 Datasheet
321Kb / 3P
SMA Male Connector
PE4589 PASTERNACK-PE4589_16 Datasheet
321Kb / 3P
SMA Male Connector
More results

Similar Description - PE4589

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4009 PASTERNACK-PE4009 Datasheet
284Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4428 PASTERNACK-PE4428 Datasheet
124Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG174 RG188 &RG316(CAPTIVE CONTACT)
PE4414 PASTERNACK-PE4414 Datasheet
258Kb / 2P
SMA Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4003 PASTERNACK-PE4003 Datasheet
245Kb / 2P
SMA MALE Connector Crimp/Solder Attachment For RG174,RG316,RG188
PE4422 PASTERNACK-PE4422 Datasheet
219Kb / 2P
SMA Female Bulkhead Connector Crimp/Solder (Captive Contact) Attachment For RG316, RG174, RG188, .235 inch D Hole
PE4036 PASTERNACK-PE4036 Datasheet
357Kb / 3P
SMA Male Connector Solder Attachment For RG174, RG316, RG188
PE44184 PASTERNACK-PE44184 Datasheet
221Kb / 3P
RT SMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4771 PASTERNACK-PE4771 Datasheet
213Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4590 PASTERNACK-PE4590 Datasheet
101Kb / 1P
SMA MALE SOLDER ATTACHMENT FOR RG174, RG188& RG316
PE45145 PASTERNACK-PE45145 Datasheet
350Kb / 3P
SMA Male Connector Crimp/Solder Attachment for RG174, RG316, RG188 Gold Plated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com