Electronic Components Datasheet Search
  English  ▼

X  

PE4766 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4766
Description  RP SMA Male Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4766 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4766 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4766 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP SMA Male Connector Clamp/Solder Attachment For
RG58, RG55, RG141, RG142, RG223, RG400
RP SMA Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
Configuration
Connector
SMA Male Reverse Polarity
Connector Interface Type
RG58,RG55,RG141,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.75 [19.05]
Width/Dia., in [mm]
0.312 [8]
.
Weight, lbs [g]
0.041 [18.6]
Connector
Type
SMA Male Reverse Polarity
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP SMA Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400 from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP SMA Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223,
RG400 PE4766
URL: http://www.pasternack.com/sma-male-reverse-polarity-rg58-rg55-rg141-rg142-rg223-rg400-connector-pe4766-p.aspx
PE4766
PE4766 REV


Similar Part No. - PE4766

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4760 PASTERNACK-PE4760 Datasheet
241Kb / 2P
RP BNC Female Right Angle Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
PE4761 PASTERNACK-PE4761 Datasheet
221Kb / 3P
RP BNC Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4762 PASTERNACK-PE4762 Datasheet
203Kb / 2P
RP BNC Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
PE4763 PASTERNACK-PE4763 Datasheet
238Kb / 2P
RP BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PE4764 PASTERNACK-PE4764 Datasheet
219Kb / 3P
RP BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
More results

Similar Description - PE4766

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4242 PASTERNACK-PE4242 Datasheet
300Kb / 2P
C Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4662 PASTERNACK-PE4662 Datasheet
317Kb / 3P
RP TNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4736 PASTERNACK-PE4736 Datasheet
275Kb / 3P
RP BNC Female Connector Clamp/Solder Attachment For RG55, RG58, RG141, RG142, RG223, RG400
PE4780 PASTERNACK-PE4780 Datasheet
269Kb / 3P
RP SMA Male Right Angle Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4067 PASTERNACK-PE4067 Datasheet
315Kb / 2P
TNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44052 PASTERNACK-PE44052 Datasheet
274Kb / 2P
UHF Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4198 PASTERNACK-PE4198 Datasheet
309Kb / 3P
HN Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4684 PASTERNACK-PE4684 Datasheet
233Kb / 2P
RP TNC Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4714 PASTERNACK-PE4714 Datasheet
237Kb / 3P
RP BNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4792 PASTERNACK-PE4792 Datasheet
229Kb / 3P
RP SMA Female Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com