Electronic Components Datasheet Search
  English  ▼

X  

PE4770 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4770
Description  RP SMA Male Connector Clamp - Solder Attachment For RG174, RG316, RG188
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4770 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4770 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4770 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4770 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
RP SMA Male Connector Clamp/Solder Attachment For RG174, RG316, RG188
Configuration
Connector
SMA Male Reverse Polarity
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.8 [20.32]
Width/Dia., in [mm]
0.312 [7.92]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Male Reverse Polarity
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP SMA Male Connector Clamp/Solder Attachment For RG174, RG316, RG188 PE4770
PE4770
PE4770 REV
RP SMA Male Connector Clamp/Solder
Attachment For RG174, RG316, RG188


Similar Part No. - PE4770

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4771 PASTERNACK-PE4771 Datasheet
213Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4772 PASTERNACK-PE4772 Datasheet
87Kb / 1P
PASTERNACK ENTERPRISES
PE4773 PASTERNACK-PE4773 Datasheet
217Kb / 2P
RP SMA Male Connector Clamp - Solder Attachment For RG178, RG196
PE4774 PASTERNACK-PE4774 Datasheet
210Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG178, RG196
PE4775 PASTERNACK-PE4775 Datasheet
95Kb / 1P
REVERSE POLARITY SMA MALE SOLDER ATTACHMENT FOR RG178 & RG196
More results

Similar Description - PE4770

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4030 PASTERNACK-PE4030 Datasheet
256Kb / 2P
SMA Female Connector Clamp/Solder Attachment For RG316, RG174, RG188
PE4796 PASTERNACK-PE4796 Datasheet
206Kb / 2P
RP SMA Female Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE4797 PASTERNACK-PE4797 Datasheet
220Kb / 2P
RP SMA Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4784 PASTERNACK-PE4784 Datasheet
221Kb / 3P
RP SMA Male Right Angle Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE4719 PASTERNACK-PE4719 Datasheet
218Kb / 2P
RP BNC Male Connector Clamp-Solder Attachment For RG174, RG316, RG188
PE4026 PASTERNACK-PE4026 Datasheet
252Kb / 2P
SMA Male Connector Clamp-Solder Attachment For RG174, RG316, RG188
PE4028 PASTERNACK-PE4028 Datasheet
460Kb / 3P
SMA Male Right Angle Connector Clamp-Solder Attachment For RG316, RG174, RG188
PE4036 PASTERNACK-PE4036 Datasheet
357Kb / 3P
SMA Male Connector Solder Attachment For RG174, RG316, RG188
PE4771 PASTERNACK-PE4771 Datasheet
213Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4590 PASTERNACK-PE4590 Datasheet
101Kb / 1P
SMA MALE SOLDER ATTACHMENT FOR RG174, RG188& RG316
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com