Electronic Components Datasheet Search
  English  ▼

X  

PE4774 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4774
Description  RP SMA Male Connector Crimp - Solder Attachment For RG178, RG196
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4774 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4774 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4774 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP SMA Male Connector Crimp/Solder
Attachment For RG178, RG196
RP SMA Male Connector Crimp/Solder Attachment For RG178, RG196
Configuration
Connector
SMA Male Reverse Polarity
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.11 [28.19]
Width/Dia., in [mm]
0.312 [8]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Male Reverse Polarity
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP SMA Male Connector Crimp/Solder Attachment For RG178, RG196 from Pasternack Enterprises has same day ship-
ment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are
part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP SMA Male Connector Crimp/Solder Attachment For RG178, RG196 PE4774
URL: http://www.pasternack.com/sma-male-reverse-polarity-rg178-rg196-connector-pe4774-p.aspx
PE4774
PE4774 REV


Similar Part No. - PE4774

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4770 PASTERNACK-PE4770 Datasheet
296Kb / 3P
RP SMA Male Connector Clamp - Solder Attachment For RG174, RG316, RG188
PE4771 PASTERNACK-PE4771 Datasheet
213Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4772 PASTERNACK-PE4772 Datasheet
87Kb / 1P
PASTERNACK ENTERPRISES
PE4773 PASTERNACK-PE4773 Datasheet
217Kb / 2P
RP SMA Male Connector Clamp - Solder Attachment For RG178, RG196
PE4775 PASTERNACK-PE4775 Datasheet
95Kb / 1P
REVERSE POLARITY SMA MALE SOLDER ATTACHMENT FOR RG178 & RG196
More results

Similar Description - PE4774

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4789 PASTERNACK-PE4789 Datasheet
252Kb / 2P
RP SMA Male Right Angle Connector Solder Attachment For RG178, RG196
PE4850 PASTERNACK-PE4850 Datasheet
277Kb / 2P
RP SMA Female Connector Clamp/Solder Attachment For RG178, RG196
PE44185 PASTERNACK-PE44185 Datasheet
231Kb / 3P
RT SMA Male Connector Crimp/Solder Attachment For RG178, RG196
PE4787 PASTERNACK-PE4787 Datasheet
225Kb / 2P
RP SMA Male Right Angle Connector Clamp/ Solder Attachment For RG178, RG196
PE4788 PASTERNACK-PE4788 Datasheet
228Kb / 3P
RP SMA Male Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4799 PASTERNACK-PE4799 Datasheet
219Kb / 2P
RP SMA Female Connector Crimp/Solder Attachment For RG178, RG196
PE44370 PASTERNACK-PE44370 Datasheet
221Kb / 3P
RP MCX Plug Connector Crimp-Solder Attachment For RG178, RG196
PE4398 PASTERNACK-PE4398 Datasheet
401Kb / 3P
SMA Male Connector Crimp - Solder Attachment For RG178, RG196
PE4773 PASTERNACK-PE4773 Datasheet
217Kb / 2P
RP SMA Male Connector Clamp - Solder Attachment For RG178, RG196
PE45004 PASTERNACK-PE45004 Datasheet
248Kb / 2P
RP SMA Female Bulkhead Connector Crimp - Solder Attachment For RG196, RG178
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com