Electronic Components Datasheet Search
  English  ▼

X  

PE44614 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44614
Description  SMA Female Connector Solder Attachment 0.078 inch End Launch PCB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44614 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44614 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44614 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Female Connector Solder Attachment 0.078 inch End Launch PCB
Configuration
Connector
SMA Female
Connector Interface Type
0.078 inch End Launch
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.565 [14.35]
Width/Dia., in [mm]
0.375 [9.53]
Height, in [mm]
0.312 [7.92]
.
Weight, lbs [g]
0.005 [2.27]
Connector
Type
SMA Female
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Female Connector Solder Attachment 0.078 inch End Launch PCB from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Connector Solder Attachment 0.078 inch End Launch PCB PE44614
URL: http://www.pasternack.com/sma-female-end-launch-for-078-thick-board-tac-contact-pe44614-p.aspx
PE44614
PE44614 REV
SMA Female Connector Solder Attachment
0.078 inch End Launch PCB


Similar Part No. - PE44614

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4461 PASTERNACK-PE4461 Datasheet
117Kb / 1P
TNC FEMALE CLAMP ATTACHMENT
PE44610 PASTERNACK-PE44610 Datasheet
215Kb / 3P
QN Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal
PE44613 PASTERNACK-PE44613 Datasheet
203Kb / 2P
MCX Plug Connector Solder Attachment Surface Mount PCB
PE44615 PASTERNACK-PE44615 Datasheet
222Kb / 2P
N Female Bulkhead Connector Solder Attachment End Launch PCB, .630 inch Diameter
PE44616 PASTERNACK-PE44616 Datasheet
210Kb / 2P
BNC Female Connector Solder Attachment End Launch PCB
More results

Similar Description - PE44614

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44205 PASTERNACK-PE44205 Datasheet
268Kb / 2P
SMA Female Connector Solder Attachment 0.047 inch End Launch PCB, .030 inch Diameter
PE4543 PASTERNACK-PE4543 Datasheet
267Kb / 2P
SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact
PE4874 PASTERNACK-PE4874 Datasheet
238Kb / 2P
RP SMA Female Connector Solder Attachment 0.062 inch End Launch PCB
PE44204 PASTERNACK-PE44204 Datasheet
223Kb / 3P
SMA Female Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
PE44206 PASTERNACK-PE44206 Datasheet
285Kb / 3P
SMA Female Connector Solder Attachment 0.031 inch End Launch PCB
PE44235 PASTERNACK-PE44235 Datasheet
228Kb / 3P
SMA Female Connector Solder Attachment End Launch PCB, .030 inch Diameter
PE4542 PASTERNACK-PE4542 Datasheet
285Kb / 3P
SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44616 PASTERNACK-PE44616 Datasheet
210Kb / 2P
BNC Female Connector Solder Attachment End Launch PCB
PE44201 PASTERNACK-PE44201 Datasheet
222Kb / 3P
RT SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44207 PASTERNACK-PE44207 Datasheet
388Kb / 4P
SMA Female Connector Solder Attachment .042 inch End Launch PCB, .020 inch x .010 inch Contact
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com