Electronic Components Datasheet Search
  English  ▼

X  

PE44637 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44637
Description  SMA Male Connector Crimp - Solder Attachment For RG8X, PE-C240, 0.240 inch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44637 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44637 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44637 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Male Connector Crimp/Solder Attachment
For RG8X, PE-C240, 0.240 inch
SMA Male Connector Crimp/Solder Attachment For RG8X, PE-C240, 0.240 inch
Configuration
Connector
SMA Male
Connector Interface Type
RG8X,PE-C240,0.240 inch
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.969 [24.61]
Width/Dia., in [mm]
0.312 [8]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Male
Contact Material and Plating
Phosphor Bronze, Gold
Coupling Nut Material and Plating
Brass, Gold
Hex Size, in
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Gold
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Male Connector Crimp/Solder Attachment For RG8X, PE-C240, 0.240 inch from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Connector Crimp/Solder Attachment For RG8X, PE-C240, 0.240 inch PE44637
URL: http://www.pasternack.com/sma-male-standard-rg8x-pe-c240-0.240-connector-pe44637-p.aspx
PE44637
PE44637 REV


Similar Part No. - PE44637

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4463 PASTERNACK-PE4463 Datasheet
117Kb / 1P
TNC FEMALE CLAM ATTACHMENT
PE44630 PASTERNACK-PE44630 Datasheet
214Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For Mini 59, PE-B159, High Definition
PE44631 PASTERNACK-PE44631 Datasheet
218Kb / 2P
75 Ohm BNC Male Connector Crimp-Solder Attachment For 1505A, High Definition
PE44632 PASTERNACK-PE44632 Datasheet
216Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For 1694A, High Definition
PE44633 PASTERNACK-PE44633 Datasheet
282Kb / 1P
N FEMALE BULKHEAD; CLAMP ATTACHMENT FOR RG178 & RG196
More results

Similar Description - PE44637

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4344 PASTERNACK-PE4344 Datasheet
261Kb / 2P
N Male Connector Crimp/Solder Attachment For RG8X, PE-C240
PE4379 PASTERNACK-PE4379 Datasheet
318Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG8X,PE-C240
PE44634 PASTERNACK-PE44634 Datasheet
214Kb / 2P
TNC Male Connector Crimp/Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44640 PASTERNACK-PE44640 Datasheet
205Kb / 2P
BNC Male Connector Crimp-Solder Attachment For RG8X, PE-C240, B7808A, 0.240 inch
PE44641 PASTERNACK-PE44641 Datasheet
294Kb / 2P
BNC Male Right Angle Connector Crimp-Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44521 PASTERNACK-PE44521 Datasheet
264Kb / 2P
N Male Connector Crimp-Solder Attachment For PE-C240, 0.240 inch
PE44638 PASTERNACK-PE44638 Datasheet
231Kb / 3P
SMA Male Right Angle Connector Crimp - Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44639 PASTERNACK-PE44639 Datasheet
242Kb / 2P
SMA Female Connector Crimp - Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44063 PASTERNACK-PE44063 Datasheet
310Kb / 3P
TNC Male Connector Clamp - Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44635 PASTERNACK-PE44635 Datasheet
218Kb / 2P
TNC Male Right Angle Connector Crimp/Solder Attachment For RG8X, PE-C240, 0.240 inch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com