Electronic Components Datasheet Search
  English  ▼

X  

PE44638 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44638
Description  SMA Male Right Angle Connector Crimp - Solder Attachment For RG8X, PE-C240, 0.240 inch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44638 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44638 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44638 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44638 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Male Right Angle Connector Crimp/Solder
Attachment For RG8X, PE-C240, 0.240 inch
SMA Male Right Angle Connector Crimp/Solder Attachment For RG8X, PE-C240, 0.240 inch
Configuration
Connector
SMA Male
Connector Interface Type
RG8X,PE-C240,0.240 inch
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.91 [23.11]
Width/Dia., in [mm]
0.379 [10]
Height, in [mm]
0.715 [18.16]
.
Weight, lbs [g]
0.01 [4.54]
Connector
Type
SMA Male
Contact Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Gold
Hex Size, in
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Gold
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle Connector Crimp/Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44638
PE44638
PE44638 REV


Similar Part No. - PE44638

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4463 PASTERNACK-PE4463 Datasheet
117Kb / 1P
TNC FEMALE CLAM ATTACHMENT
PE44630 PASTERNACK-PE44630 Datasheet
214Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For Mini 59, PE-B159, High Definition
PE44631 PASTERNACK-PE44631 Datasheet
218Kb / 2P
75 Ohm BNC Male Connector Crimp-Solder Attachment For 1505A, High Definition
PE44632 PASTERNACK-PE44632 Datasheet
216Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For 1694A, High Definition
PE44633 PASTERNACK-PE44633 Datasheet
282Kb / 1P
N FEMALE BULKHEAD; CLAMP ATTACHMENT FOR RG178 & RG196
More results

Similar Description - PE44638

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4379 PASTERNACK-PE4379 Datasheet
318Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG8X,PE-C240
PE44525 PASTERNACK-PE44525 Datasheet
217Kb / 2P
N Male Right Angle Connector Crimp/Solder Attachment For PE-C240, 0.240 inch
PE44634 PASTERNACK-PE44634 Datasheet
214Kb / 2P
TNC Male Connector Crimp/Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44640 PASTERNACK-PE44640 Datasheet
205Kb / 2P
BNC Male Connector Crimp-Solder Attachment For RG8X, PE-C240, B7808A, 0.240 inch
PE44641 PASTERNACK-PE44641 Datasheet
294Kb / 2P
BNC Male Right Angle Connector Crimp-Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44521 PASTERNACK-PE44521 Datasheet
264Kb / 2P
N Male Connector Crimp-Solder Attachment For PE-C240, 0.240 inch
PE44637 PASTERNACK-PE44637 Datasheet
215Kb / 2P
SMA Male Connector Crimp - Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44639 PASTERNACK-PE44639 Datasheet
242Kb / 2P
SMA Female Connector Crimp - Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44063 PASTERNACK-PE44063 Datasheet
310Kb / 3P
TNC Male Connector Clamp - Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44635 PASTERNACK-PE44635 Datasheet
218Kb / 2P
TNC Male Right Angle Connector Crimp/Solder Attachment For RG8X, PE-C240, 0.240 inch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com