Electronic Components Datasheet Search
  English  ▼

X  

PE44657 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44657
Description  SMA Female Bulkhead Connector Crimp - Solder Attachment For PE-C100, RG178, RG196, .235 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44657 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44657 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44657 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Female Bulkhead Connector Crimp/Solder Attachment
For PE-C100, RG178, RG196, .235 inch D Hole
SMA Female Bulkhead Connector Crimp/Solder Attachment For PE-C100, RG178, RG196, .235 inch D
Hole
Configuration
Connector
SMA Female
Connector Interface Type
PE-C100,RG178,RG196
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.78 [19.81]
Width/Dia., in [mm]
0.433 [11]
.
Weight, lbs [g]
0.012 [5.44]
Connector
Type
SMA Female
Contact Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Female Bulkhead Connector Crimp/Solder Attachment For PE-C100, RG178, RG196, .235 inch D Hole from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain
a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Bulkhead Connector Crimp/Solder Attachment For PE-C100, RG178, RG196, .235
inch D Hole PE44657
URL: http://www.pasternack.com/sma-female-standard-pe-c100-rg178-rg196-connector-pe44657-p.aspx
PE44657
PE44657 REV


Similar Part No. - PE44657

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4465 PASTERNACK-PE4465 Datasheet
258Kb / 2P
TNC Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE44650A PASTERNACK-PE44650A Datasheet
218Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Black Color
PE44650B PASTERNACK-PE44650B Datasheet
216Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, White Color
PE44650C PASTERNACK-PE44650C Datasheet
219Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Blue Color
PE44650D PASTERNACK-PE44650D Datasheet
218Kb / 2P
FAKRA Jack Right Angle Connector Solder Attachment Thru Hole PCB, Bordeaux Color
More results

Similar Description - PE44657

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4423 PASTERNACK-PE4423 Datasheet
269Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG178 &RG196
PE4862 PASTERNACK-PE4862 Datasheet
276Kb / 3P
RP SMA Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .235 inch D Hole
PE4924 PASTERNACK-PE4924 Datasheet
270Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-020SR, .235 inch D Hole
PE44197 PASTERNACK-PE44197 Datasheet
275Kb / 3P
RT SMA Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .235 inch D Hole
PE4421 PASTERNACK-PE4421 Datasheet
285Kb / 2P
SMA Female Bulkhead Connector Clamp/Solder Attachment For RG178, RG196, .235 inch D Hole
PE44389 PASTERNACK-PE44389 Datasheet
215Kb / 2P
SSMA Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .177 inch D Hole
PE4861 PASTERNACK-PE4861 Datasheet
224Kb / 3P
RP SMA Female Bulkhead Connector Clamp/Solder Attachment For RG178, RG196, .235 inch D Hole
PE4923 PASTERNACK-PE4923 Datasheet
220Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-034SR, .235 inch D Hole
PE45004 PASTERNACK-PE45004 Datasheet
248Kb / 2P
RP SMA Female Bulkhead Connector Crimp - Solder Attachment For RG196, RG178
PE45292 PASTERNACK-PE45292 Datasheet
416Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment for RG178, RG196, .235 inch D Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com