Electronic Components Datasheet Search
  English  ▼

X  

PE44808 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44808
Description  High Performance SMA Male Solder - Clamp Connectors for PE-P300LL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44808 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44808 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44808 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44808 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Male Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• PE-P300LL Interface Type
• Clamp/Solder Attachment
• 5/16 Inch Hex
• Precision Design
Features
• Gold Platted Solder ferrules
• Stainless Steel Interface and connector Body
• Excellent VSWR to 18 Ghz
•
Tuned specifically for use with 83% VoP Tape Style
Low Loss Coax
•
Compatible with Harbour LL335i Coax
• Easy to assemble multi Piece design
.
Description
Pasternack’s solder/clamp connectors designed for use with our flexible PE-P300LL Low Loss coax offer excellent performance
and durability. The multi piece design has been optimized for use with Low Loss tape wrapped coax having a 83% VoP. The
stainless steel construction provides for over 500 mating cycles. These connectors are compatible with LL335i coax from
Harbour Industries.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.16:1
Insertion Loss
0.17
dB
Operating Voltage (AC)
335
Vrms
Dielectric Withstanding Voltage (AC)
1,000
Insulation Resistance
5,000
MOhms
.
Mechanical Specifications
Size
Length
1.61 in [40.89 mm]
Width/Dia.
0.62 in [15.75 mm]
.
Weight
0.072 lbs [32.66 g]
.
Mating Torque
5 to 8 in-lbs [0.57 to 0.9 Nm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Precision Connector Clamp/Solder Attachment for PE-P300LL PE44808
PE44808 REV 1.0
High Performance SMA Male Solder/
Clamp Connectors for PE-P300LL
RF Connectors Technical Data Sheet
PE44808


Similar Part No. - PE44808

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4480 PASTERNACK-PE4480 Datasheet
223Kb / 3P
HN Male Right Angle Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4480 PASTERNACK-PE4480 Datasheet
320Kb / 3P
HN Male Right Angle Connector Clamp/Solder Attachment
PE44800 PASTERNACK-PE44800 Datasheet
282Kb / 3P
1.85mm Female Precision Connector Clamp-Solder
PE44801 PASTERNACK-PE44801 Datasheet
296Kb / 3P
2.4mm Female Bulkhead Precision Connector Clamp/ Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405, .252 inch D Hole
PE44802 PASTERNACK-PE44802 Datasheet
301Kb / 3P
1.85mm Female Bulkhead Precision Connector Clamp
More results

Similar Description - PE44808

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4085 PASTERNACK-PE4085 Datasheet
222Kb / 3P
SMA Male Connector Clamp/Solder Attachment For PE-P195
PE44809 PASTERNACK-PE44809 Datasheet
389Kb / 3P
High Performance Type N Male Solder - Clamp connectors for PE-P300LL Coax
PE44807 PASTERNACK-PE44807 Datasheet
404Kb / 3P
High Performance Type N Female Solder/ Clamp connectors for PE-P300LL Coax
PE44810 PASTERNACK-PE44810 Datasheet
388Kb / 3P
High Performance TNC Male Solder /Clamp connectors for PE-P300LL Coax
PE44812 PASTERNACK-PE44812 Datasheet
397Kb / 3P
High Performance Right Angle TNC Male Solder / Clamp connectors for PE-P142LL Coax
PE44814 PASTERNACK-PE44814 Datasheet
410Kb / 4P
High Performance SMA Female Solder / Clamp connectors for PE-P142LL Coax
PE44815 PASTERNACK-PE44815 Datasheet
407Kb / 3P
High Performance TNC Male Solder /Clamp connectors for PE-P142LL Coax
PE44817 PASTERNACK-PE44817 Datasheet
400Kb / 3P
High Performance Righ Angle SMA Male Solder - Clamp connectors for PE-P142LL Coax
PE44825 PASTERNACK-PE44825 Datasheet
399Kb / 3P
High Performance Type N Male Solder - Clamp connectors for PE-P142LL Coax
PE44826 PASTERNACK-PE44826 Datasheet
404Kb / 3P
High Performance SMA Male Solder - Clamp connectors for PE-P142LL Coax
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com