Electronic Components Datasheet Search
  English  ▼

X  

PE44975 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44975
Description  RP SMA Male Right Angle Connector Crimp - Solder Attachment For RG55, RG141, RG142, RG223, RG400
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44975 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44975 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44975 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMA Male Reverse Polarity
Connector Interface Type
RG55,RG141,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.61 [15.49]
Width/Dia., in [mm]
0.312 [7.92]
Height, in [mm]
0.925 [23.5]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Male Reverse Polarity
Contact Material and Plating
Beryllium Copper, Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP SMA Male Right Angle Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400 from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain
a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP SMA Male Right Angle Connector Crimp/Solder Attachment For RG55, RG141, RG142,
RG223, RG400 PE44975
URL: http://www.pasternack.com/sma-male-reverse-polarity-rg55-rg141-rg142-rg223-rg400-connector-pe44975-p.aspx
PE44975
PE44975 REV 1.0
RP SMA Male Right Angle Connector Crimp/Solder
Attachment For RG55, RG141, RG142, RG223, RG400


Similar Part No. - PE44975

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4497 PASTERNACK-PE4497 Datasheet
112Kb / 1P
SHV PLUG CRIMP ATTACHMENT FOR RG55 RG142 RG223 &RG400
PE44970 PASTERNACK-PE44970 Datasheet
370Kb / 3P
Mini SMP Male Full Detent Connector Solder Attachment Thru Hole PCB Low Profile
PE44971 PASTERNACK-PE44971 Datasheet
376Kb / 3P
Mini SMP Female Connector Solder Attachment for PE-047SR, PE-SR047FL
PE44972 PASTERNACK-PE44972 Datasheet
375Kb / 3P
Mini SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405FL
PE44973 PASTERNACK-PE44973 Datasheet
363Kb / 3P
Mini SMP Male Full Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .050 inch Pin Length Full Radius
More results

Similar Description - PE44975

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44471 PASTERNACK-PE44471 Datasheet
246Kb / 2P
RP N Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4484 PASTERNACK-PE4484 Datasheet
262Kb / 2P
N Male Right Angle Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4780 PASTERNACK-PE4780 Datasheet
269Kb / 3P
RP SMA Male Right Angle Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4663 PASTERNACK-PE4663 Datasheet
222Kb / 3P
RP TNC Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4781 PASTERNACK-PE4781 Datasheet
214Kb / 3P
RP SMA Male Right Angle Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE44182 PASTERNACK-PE44182 Datasheet
248Kb / 2P
RT SMA Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE44186 PASTERNACK-PE44186 Datasheet
222Kb / 3P
RT SMA Male Right Angle Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4767 PASTERNACK-PE4767 Datasheet
213Kb / 2P
RP SMA Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4793 PASTERNACK-PE4793 Datasheet
221Kb / 3P
RP SMA Female Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4766 PASTERNACK-PE4766 Datasheet
228Kb / 2P
RP SMA Male Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com