Electronic Components Datasheet Search
  English  ▼

X  

PE44996 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44996
Description  SMA Male Right Angle Connector Clamp - Solder Attachment for RG402, PE-P141, PE-SR402FLJ
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44996 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44996 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44996 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44996 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMA Male
Connector Interface Type
RG402, PE-P141, PE-SR402FLJ
Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
1.28 in [32.51 mm]
Width/Dia.
0.395 in [10.03 mm]
Height
0.74 in [18.8 mm]
.
Connector
Type
SMA Male
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
50µ in. minimum
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
SAE-AMS-2700
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
SAE-AMS-2700
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle Connector Clamp/Solder Attachment for RG402, PE-P141, PE-SR-
402FLJ PE44996
PE44996
PE44996 REV 1.0
SMA Male Right Angle Connector Clamp/Solder
Attachment for RG402, PE-P141, PE-SR402FLJ


Similar Part No. - PE44996

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4499 PASTERNACK-PE4499 Datasheet
868Kb / 2P
SHV Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4499 PASTERNACK-PE4499 Datasheet
347Kb / 3P
SHV Jack Bulkhead Mount Connector Solder Attachment
PE44993 PASTERNACK-PE44993 Datasheet
243Kb / 3P
7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Annular
PE44994 PASTERNACK-PE44994 Datasheet
224Kb / 2P
7/16 DIN Male Connector Crimp/Solder Attachment For PE-C240, LMR-240, RG8X
PE44995 PASTERNACK-PE44995 Datasheet
316Kb / 2P
N Male Connector Clamp - Solder Attachment For 1 - 2 inch Annular, IP 67 Rated
More results

Similar Description - PE44996

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4083 PASTERNACK-PE4083 Datasheet
276Kb / 3P
SMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44695 PASTERNACK-PE44695 Datasheet
895Kb / 2P
SMA Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44691 PASTERNACK-PE44691 Datasheet
267Kb / 2P
SMA Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44693 PASTERNACK-PE44693 Datasheet
844Kb / 3P
SMA Male Right Angle Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44697 PASTERNACK-PE44697 Datasheet
913Kb / 3P
SMA Female Bulkhead Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44701 PASTERNACK-PE44701 Datasheet
858Kb / 2P
N Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44703 PASTERNACK-PE44703 Datasheet
853Kb / 3P
N Male Right Angle Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44709 PASTERNACK-PE44709 Datasheet
875Kb / 2P
TNC Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44711 PASTERNACK-PE44711 Datasheet
852Kb / 3P
TNC Male Right Angle Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE4790 PASTERNACK-PE4790 Datasheet
227Kb / 3P
RP SMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com