Electronic Components Datasheet Search
  English  ▼

X  

PE45053 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45053
Description  SMA Female Field Replaceable Connector 4 Hole Flange Mount 0.036 Inch Pin .500 inch Flange Size
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45053 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45053 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45053 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45053 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMA Female
Connector Specification
MIL-STD-348
Connector Interface Type
0.036 Inch Pin
Attachment Method (Shield/Contact)
Field Replaceable
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Frequency Range
DC to 26 GHz
Impedance
50 Ohms
Maximum VSWR
1.2:1
Maximum Insertion Loss
0.15 dB
Dielectric Withstanding Voltage
1,000 Vrms
Mechanical Specifications
Temperature
Operating Range
-65 to +165 deg C
Size
Length
0.5 in [12.7 mm]
Width/Dia.
0.5 in [12.70 mm]
Height
0.375 in [9.53 mm]
.
Connector
Type
SMA Female
Mating Cycles
500
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
ASTM B-488
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
ASTM A-967
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Field Replaceable Connector 4 Hole Flange Mount 0.036 Inch Pin .500 inch
Flange Size PE45053
PE45053
PE45053 REV 1.0
SMA Female Field Replaceable Connector 4 Hole
Flange Mount 0.036 Inch Pin .500 inch Flange Size


Similar Part No. - PE45053

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4505 PASTERNACK-PE4505 Datasheet
207Kb / 2P
75 Ohm N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .640 inch DD Hole
PE4505 PASTERNACK-PE4505 Datasheet
315Kb / 3P
75 Ohm N Female Bulkhead Mount Connector Solder Attachment
PE45050 PASTERNACK-PE45050 Datasheet
372Kb / 3P
Reverse Polarity MCX Male Right Angle Push-On Connector Crimp - Solder Attachment for RG316, RG188, RG174
PE45051 PASTERNACK-PE45051 Datasheet
361Kb / 3P
Reverse Polarity MCX Male Right Angle Push-On Connector Crimp - Solder Attachment for RG178, RG196
PE45054 PASTERNACK-PE45054 Datasheet
373Kb / 3P
SMA Female Field Replaceable Connector 2 Hole Flange Mount 0.020 Inch Pin
More results

Similar Description - PE45053

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44027 PASTERNACK-PE44027 Datasheet
220Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .375 inch Flange Size
PE44010 PASTERNACK-PE44010 Datasheet
208Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .500 inch Flange Size
PE44010 PASTERNACK-PE44010 Datasheet
208Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .500 inch Flange Size
PE44011 PASTERNACK-PE44011 Datasheet
209Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .500 inch Flange Size
PE44012 PASTERNACK-PE44012 Datasheet
210Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .500 inch Flange Size
PE44013 PASTERNACK-PE44013 Datasheet
229Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.020 inch Pin, .500 inch Flange Size
PE44020 PASTERNACK-PE44020 Datasheet
209Kb / 3P
SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.018 inch Pin, .500 inch Flange Size
PE44022 PASTERNACK-PE44022 Datasheet
209Kb / 3P
SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.036 inch Pin, .500 inch Flange Size
PE44009 PASTERNACK-PE44009 Datasheet
211Kb / 3P
SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.036 inch Pin, .375 inch Flange Size
PE45055 PASTERNACK-PE45055 Datasheet
374Kb / 3P
SMA Female Field Replaceable Connector 2 Hole Flange Mount 0.036 Inch Pin
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com