Electronic Components Datasheet Search
  English  ▼

X  

LM4128 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM4128
Description  SOT-23 Precision Micropower Series Voltage Reference
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4128 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM4128 Datasheet HTML 8Page - Texas Instruments LM4128 Datasheet HTML 9Page - Texas Instruments LM4128 Datasheet HTML 10Page - Texas Instruments LM4128 Datasheet HTML 11Page - Texas Instruments LM4128 Datasheet HTML 12Page - Texas Instruments LM4128 Datasheet HTML 13Page - Texas Instruments LM4128 Datasheet HTML 14Page - Texas Instruments LM4128 Datasheet HTML 15Page - Texas Instruments LM4128 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
LM4128, LM4128Q
SNVS475E – NOVEMBER 2006 – REVISED APRIL 2013
www.ti.com
APPLICATION INFORMATION
THEORY OF OPERATION
The foundation of any voltage reference is the band-gap circuit. While the reference in the LM4128 is developed
from the gate-source voltage of transistors in the IC, principles of the band-gap circuit are easily understood
using a bipolar example. For a detailed analysis of the bipolar band-gap circuit, see the AN-56 Application Report
(SNVA514).
SUPPLY AND ENABLE VOLTAGES
To ensure proper operation, VEN and VIN must be within a specified range. An acceptable range of input voltages
is
VIN > VREF + 400 mV (ILOAD ≤ 10 mA)
(1)
The enable pin uses an internal pull-up current source (IPULL_UP ≊ 2 µA) that may be left floating or triggered by
an external source. If the part is not enabled by an external source, it may be connected to VIN. An acceptable
range of enable voltages is given by the enable transfer characteristics. See the Electrical Characteristics section
and Enable Transfer Characteristics figure for more detail. Note, the part will not operate correctly for VEN > VIN.
COMPONENT SELECTION
A small ceramic (X5R or X7R) capacitor on the input must be used to ensure stable operation. The value of CIN
must be sized according to the output capacitor value. The value of CIN must satisfy the relationship CIN ≥ COUT.
When no output capacitor is used, CIN must have a minimum value of 0.1 µF. Noise on the power-supply input
may affect the output noise. Larger input capacitor values (typically 4.7 µF to 22 µF) may help reduce noise on
the output and significantly reduce overshoot during startup. Use of an additional optional bypass capacitor
between the input and ground may help further reduce noise on the output. With an input capacitor, the LM4128
will drive any combination of resistance and capacitance up to VREF/20 mA and 10 µF respectively.
The LM4128 is designed to operate with or without an output capacitor and is stable with capacitive loads up to
10 µF. Connecting a capacitor between the output and ground will significantly improve the load transient
response when switching from a light load to a heavy load. The output capacitor should not be made arbitrarily
large because it will effect the turn-on time as well as line and load transients.
While a variety of capacitor chemistry types may be used, it is typically advisable to use low esr ceramic
capacitors. Such capacitors provide a low impedance to high frequency signals, effectively bypassing them to
ground. Bypass capacitors should be mounted close to the part. Mounting bypass capacitors close to the part will
help reduce the parasitic trace components thereby improving performance.
SHORT CIRCUITED OUTPUT
The LM4128 features indefinite short circuit protection. This protection limits the output current to 75 mA when
the output is shorted to ground.
TURN ON TIME
Turn on time is defined as the time taken for the output voltage to rise to 90% of the preset value. The turn on
time depends on the load. The turn on time is typically 33.2 µs when driving a 1µF load and 78.8 µs when driving
a 10 µF load. Some users may experience an extended turn on time (up to 10 ms) under brown out conditions
and low temperatures (-40°C).
THERMAL HYSTERESIS
Thermal hysteresis is defined as the change in output voltage at 25ºC after some deviation from 25ºC. This is to
say that thermal hysteresis is the difference in output voltage between two points in a given temperature profile.
An illustrative temperature profile is shown in Figure 16.
12
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM4128 LM4128Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com