Electronic Components Datasheet Search
  English  ▼

X  

LM4125 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM4125
Description  Precision Micropower Low Dropout Voltage Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4125 Datasheet(HTML) 2 Page - Texas Instruments

  LM4125 Datasheet HTML 1Page - Texas Instruments LM4125 Datasheet HTML 2Page - Texas Instruments LM4125 Datasheet HTML 3Page - Texas Instruments LM4125 Datasheet HTML 4Page - Texas Instruments LM4125 Datasheet HTML 5Page - Texas Instruments LM4125 Datasheet HTML 6Page - Texas Instruments LM4125 Datasheet HTML 7Page - Texas Instruments LM4125 Datasheet HTML 8Page - Texas Instruments LM4125 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LM4125
SNVS238A – MAY 2004 – REVISED APRIL 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
Maximum Voltage on input or enable pins
−0.3V to 8V
Output Short-Circuit Duration
Indefinite
Power Dissipation (TA = 25°C)
(3)
DBV package
− θJA
280°C/W
Power Dissipation
350 mW
ESD Susceptibility(4)
Human Body Model
2 kV
Machine Model
200V
Lead Temperature:
Soldering, (10 sec.)
+260°C
Vapor Phase (60 sec.)
+215°C
Infrared (15 sec.)
+220°C
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Without PCB copper enhancements. The maximum power dissipation must be de-rated at elevated temperatures and is limited by TJMAX
(maximum junction temperature),
θJ-A (junction to ambient thermal resistance) and TA (ambient temperature). The maximum power
dissipation at any temperature is: PDissMAX = (TJMAX − TA)/θJ-A up to the value listed in the Absolute Maximum Ratings.
(4)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin.
Operating Range
(1)
Storage Temperature Range
−65°C to +150°C
Ambient Temperature Range
−40°C to +85°C
Junction Temperature Range
−40°C to +125°C
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com