Electronic Components Datasheet Search
  English  ▼

X  

LM4051 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM4051
Description  Precision Micropower Shunt Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4051 Datasheet(HTML) 2 Page - Texas Instruments

  LM4051 Datasheet HTML 1Page - Texas Instruments LM4051 Datasheet HTML 2Page - Texas Instruments LM4051 Datasheet HTML 3Page - Texas Instruments LM4051 Datasheet HTML 4Page - Texas Instruments LM4051 Datasheet HTML 5Page - Texas Instruments LM4051 Datasheet HTML 6Page - Texas Instruments LM4051 Datasheet HTML 7Page - Texas Instruments LM4051 Datasheet HTML 8Page - Texas Instruments LM4051 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LM4051
Precision Micropower Shunt Voltage Reference
General Description
Ideal for space critical applications, the LM4051 precision
voltage reference is available in the sub-miniature (3 mm x
1.3 mm) SOT-23 surface-mount package. The LM4051’s ad-
vanced design eliminates the need for an external stabilizing
capacitor while ensuring stability with any capacitive load,
thus making the LM4051 easy to use. Further reducing
design effort is the availability of a fixed (1.225V) and adjust-
able reverse breakdown voltage. The minimum operating
current is 60 µA for the LM4051-1.2 and the LM4051-ADJ.
Both versions have a maximum operating current of 12 mA.
The LM4051 comes in three grades (A, B, and C). The best
grade devices (A) have an initial accuracy of 0.1%, while the
B-grade have 0.2% and the C-grade 0.5%, all with a tempco
of 50 ppm/˚C guaranteed from −40˚C to 125˚C.
The LM4051 utilizes fuse and zener-zap trim of reference
voltage during wafer sort to ensure that the prime parts have
an accuracy of better than ±0.1% (A grade) at 25˚C.
Features
n
Small packages: SOT-23
n
No output capacitor required
n
Tolerates capacitive loads
n
Reverse breakdown voltage options of 1.225V and
adjustable
Key Specifications (LM4051-1.2)
j Output voltage tolerance
(A grade, 25˚C)
±0.1%(max)
j Low output noise
(10 Hz to 10kHz)
20µV
rms
j Wide operating current range
60µA to 12mA
j Industrial temperature range
−40˚C to +85˚C
j Extended temperature range
−40˚C to +125˚C
j Low temperature coefficient
50 ppm/˚C (max)
Applications
n
Portable, Battery-Powered Equipment
n
Data Acquisition Systems
n
Instrumentation
n
Process Control
n
Energy Management
n
Automotive and Industrial
n
Precision Audio Components
n
Base Stations
n
Battery Chargers
n
Medical Equipment
n
Communication
Connection Diagrams
SOT-23
10122201
*This pin must be left floating or connected to pin 2.
10122240
Top View
See NS Package Number MF03A
March 2005
© 2005 National Semiconductor Corporation
DS101222
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com