Electronic Components Datasheet Search
  English  ▼

X  

LM5025C Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM5025C
Description  LM5025C Active Clamp Voltage Mode PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5025C Datasheet(HTML) 3 Page - Texas Instruments

  LM5025C Datasheet HTML 1Page - Texas Instruments LM5025C Datasheet HTML 2Page - Texas Instruments LM5025C Datasheet HTML 3Page - Texas Instruments LM5025C Datasheet HTML 4Page - Texas Instruments LM5025C Datasheet HTML 5Page - Texas Instruments LM5025C Datasheet HTML 6Page - Texas Instruments LM5025C Datasheet HTML 7Page - Texas Instruments LM5025C Datasheet HTML 8Page - Texas Instruments LM5025C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
RAMP
CS1
CS2
TIME
REF
VCC
OUT_A
VIN
RT
COMP
SS
AGND
PGND
OUT_B
SYNC
UVLO
14
13
12
11
10
8
9
15
16
1
2
3
4
5
7
6
LM5025C
www.ti.com
SNVS568C – SEPTEMBER 2008 – REVISED MARCH 2013
Connection Diagram
Figure 2. 16-Lead TSSOP
Package Number PW0016A
PIN DESCRIPTIONS
Pin
Name
Description
Application Information
1
VIN
Source Input Voltage
Input to start-up regulator. Input range 13V to 90V, with
transient capability to 105V.
2
RAMP
Modulator ramp signal
An external RC circuit from Vin sets the ramp slope. This
pin is discharged at the conclusion of every cycle by an
internal FET, initiated by either the internal clock or the
V*Sec Clamp comparator.
3
CS1
Current sense input for cycle-by-cycle limiting
If CS1 exceeds 0.5V the outputs will go into Cycle-by-
Cycle current limit. CS1 is held low for 50ns after OUT_A
switches high providing leading edge blanking.
4
CS2
Current sense input for soft restart
If CS2 exceeds 0.5V the outputs will be disabled and a
softstart commenced. The soft-start capacitor will be fully
discharged and then released with a pull-up current of
1µA. After the first output pulse (when SS =1V), the SS
charge current will revert back to 90 µA.
5
TIME
Output overlap/Deadtime control
An external resistor (RSET) sets either the overlap time or
dead time for the active clamp output. An RSET resistor
connected between TIME and GND produces in-phase
OUT_A and OUT_B pulses with overlap. An RSET resistor
connected between TIME and REF produces out-of-phase
OUT_A and OUT_B pulses with deadtime.
6
REF
Precision 5 volt reference output
Maximum output current: 10 mA Locally decouple with a
0.1 µF capacitor. Reference stays low until the VCC UV
comparator is satisfied.
7
VCC
Output from the internal high voltage start-up
If an auxiliary winding raises the voltage on this pin above
regulator. The VCC voltage is regulated to 7.6V.
the regulation setpoint, the internal start-up regulator will
shutdown, reducing the IC power dissipation.
8
OUT_A
Main output driver
Output of the main switch PWM output gate driver. Output
capability of 3A peak sink current.
9
OUT_B
Active Clamp output driver
Output of the Active Clamp switch gate driver. Capable of
1.25A peak sink current..
10
PGND
Power ground
Connect directly to analog ground.
11
AGND
Analog ground
Connect directly to power ground.
12
SS
Soft-start control
An external capacitor and an internal 90 µA current source
set the softstart ramp. The SS current source is reduced to
1 µA initially following a CS2 over-current event or an over
temperature event.
13
COMP
Input to the Pulse Width Modulator
An internal 5 k
Ω resistor pull-up is provided on this pin.
The external opto-coupler sinks current from COMP to
control the PWM duty cycle.
14
RT
Oscillator timing resistor pin
An external resistor connected from RT to ground sets the
internal oscillator frequency.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5025C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com