Electronic Components Datasheet Search
  English  ▼

X  

LM5037 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5037
Description  LM5037 Dual-Mode PWM Controller With Alternating Outputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5037 Datasheet(HTML) 3 Page - Texas Instruments

  LM5037_15 Datasheet HTML 1Page - Texas Instruments LM5037_15 Datasheet HTML 2Page - Texas Instruments LM5037_15 Datasheet HTML 3Page - Texas Instruments LM5037_15 Datasheet HTML 4Page - Texas Instruments LM5037_15 Datasheet HTML 5Page - Texas Instruments LM5037_15 Datasheet HTML 6Page - Texas Instruments LM5037_15 Datasheet HTML 7Page - Texas Instruments LM5037_15 Datasheet HTML 8Page - Texas Instruments LM5037_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
RAMP
UVLO
COMP
FB
RT2
AGND
RT1/SYNC
CS
VIN
REF
VCC
OUTA
OUTB
PGND
SS
RES
LM5037
www.ti.com
SNVS578D – NOVEMBER 2008 – REVISED MAY 2015
5 Pin Configuration and Functions
PW PACKAGE
16 PIN TSSOP
(TOP VIEW)
Pin Functions
PIN
I/O(1)
DESCRIPTION
NAME
NO.
AGND
6
—
Analog ground. Connect directly to power ground
COMP
3
I/O
Input to the pulse width modulator. Output of the error amplifier and input to the PWM comparator.
Current sense input. If the CS pin exceeds 250 mV the output pulse terminates, entering cycle-by-
CS
8
I
cycle current limit. An internal switch holds the CS pin low for a period of 65 ns after either output
switches high to blank leading edge transients.
Feedback. Connected to inverting input of the error amplifier. An internal 1.25-V reference is
FB
4
I
connected to the non-inverting input of the error amplifier. In isolated applications using an external
error amplifier, this pin should be connected to the analog ground pin (AGND).
OUTA
13
Output driver. Alternating gate-drive output of the pulse width modulator. These pins are capable of
O
1.2-A peak source and sink current.
OUTB
12
PGND
11
—
Power ground. Connect directly to the analog ground pin (AGND).
Pulse width modulator ramp. Modulation ramp for the PWM comparator. This ramp can be a
RAMP
1
I
representative of the primary current (current mode) or proportional to input voltage (feed-forward
voltage mode). This pin is reset to ground at the conclusion of every cycle by an internal FET.
Output of a 5V reference. Locally decouple with a capacitor with a value of 0.1-µF or greater.
REF
15
O
Maximum output current is 10 mA (typ).
Restart timer. If cycle-by-cycle current limit is reached during any cycle, the device sources 18 µA of
current to the external RES pin capacitor. If the RES capacitor voltage reaches 2.0 V, the soft-start
RES
9
I
capacitor is discharged and then released with a pull-up current of 1 µA. After the first output pulse
(when SS = 1 V), the SS pin charging current increases to the normal level of 100 µA.
Oscillator dead-time control. The resistance connected between this pin (RT1/SYNC) and the AGND
RT1/SYNC
7
I
pin sets the oscillator maximum on-time. The sum of this maximum on-time and the forced dead-time
(set by the RT2 pin) sets the oscillator period.
Oscillator dead-time control. The resistance connected between this pin (RT2) and the AGND pin
RT2
5
I
sets the forced dead-time between switching periods of the alternating outputs.
Soft-start. An external capacitor and an internal 100-µA current source set the soft-start ramp. The
SS
10
I
SS current source is reduced to 1 µA following a restart event (RES pin high).
Line undervoltage lockout. An external voltage divider from the power source sets the shutdown and
standby comparator threshold levels. When the UVLO pin exceeds the 0.45-V shutdown threshold,
UVLO
2
I
the VCC pin and REF pin regulators are enabled. When the UVLO pin exceeds the 1.25-V standby
threshold, the SS pin is released and the device enters the active mode.
Output of the high voltage start-up regulator. The VCC pin voltage is regulated to 7.7 V. If an auxiliary
winding raises the voltage on this pin above the regulation set point, the internal start-up regulator
VCC
14
I/O
shuts down thus reducing the power dissipation of the device. Locally decouple the VCC pin with a
capacitor with a value of 0.47 µF or greater.
Input voltage source. Input to the VCC start-up regulator. Operating input range is 13 V to 100 V. For
VIN
16
I
power sources outside of this range, the LM5037device can be biased directly at the VCC pin by an
external regulator.
(1)
I = Input, O = Output, G = Ground
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5037



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com