Electronic Components Datasheet Search
  English  ▼

X  

LM5041B Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM5041B
Description  Cascaded PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5041B Datasheet(HTML) 3 Page - Texas Instruments

  LM5041B Datasheet HTML 1Page - Texas Instruments LM5041B Datasheet HTML 2Page - Texas Instruments LM5041B Datasheet HTML 3Page - Texas Instruments LM5041B Datasheet HTML 4Page - Texas Instruments LM5041B Datasheet HTML 5Page - Texas Instruments LM5041B Datasheet HTML 6Page - Texas Instruments LM5041B Datasheet HTML 7Page - Texas Instruments LM5041B Datasheet HTML 8Page - Texas Instruments LM5041B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LM5041B
www.ti.com
SNVS605 – MAY 2009
PIN DESCRIPTIONS
Pin
Pin
Pin #
Pin Application Information
Name
Description
1
VIN
Source Input Voltage
Input to start-up regulator. Input range 15V to 100V.
Inverting input for the internal error amplifier. The non-inverting input is connected to a
2
FB
Feedback Signal
0.75V reference.
Output of the Internal
There is an internal 5 k
Ω resistor pull-up on this pin. The error amplifier provides an
3
COMP
Error Amplifier
active sink.
Precision 5 volt
Maximum output current: 10 mA. Locally decouple with a 0.1 µF capacitor. Reference
4
REF
reference output
stays low until the VCC UV are satisfied.
Buck switch PWM control output. The maximum duty cycle clamp for this output
Main Buck PWM
5
HD
corresponds to an off time of typically 240 ns per cycle. The LM5101 or LM5102 Buck
control output
stage gate driver can be used to level shift and drive the Buck switch MOSFET.
Buck Sync Switch
Sync Switch control output. Inversion of HD output during normal operation. The LM5101
6
LD
control output
or LM5102 lower drive can be used to drive the synchronous rectifier switch.
Output of the internal
high voltage start-up
If an auxiliary winding raises the voltage on this pin above the regulation set-point, the
7
VCC
regulator. Regulated to
internal start-up regulator will shutdown, reducing the IC power dissipation.
9 volts.
Output of the push-pull
8
PUSH
Output of the push-pull gate driver. Output capability of 1.5A peak .
drivers
Output of the push-pull
9
PULL
Output of the push-pull gate driver. Output capability of 1.5A peak.
drivers
10
PGND
Power ground
Connect directly to analog ground.
11
AGND
Analog ground
Connect directly to power ground.
Current sense input to the PWM comparator (current mode control). There is a 50 ns
12
CS
Current sense input
leading edge blanking on this pin. If CS exceeds 0.5V, the PWM controller will go into
cycle by cycle current limit.
An external capacitor and an internal 10 µA current source, set the soft-start ramp. Both
13
SS
Soft-Start control
HD and LD will be forced to a low state if the SS pin is below the shutdown threshold of
0.45V.
An external resistor (RSET) sets the overlap time or dead time for the push-pull outputs.
Push-Pull overlap and
14
TIME
A resistor connected between TIME and GND produces overlap. A resistor connected
dead time control
between TIME and REF produces dead time.
RT /
Oscillator timing
An external resistor sets the oscillator frequency. This pin will also accept an external
15
SYNC
resistor pin and sync
oscillator.
Line Under-Voltage
An external divider from the power source sets the shutdown levels. Threshold of
16
UVLO
Shutdown
operation equals 2.5V. Hysteresis is set by a switched internal current source (20 µA).
The exposed die attach pad of the WSON package should be connected to a PCB
WSON
thermal pad at ground potential. For additional information on using TI's No Pull Back
SUB
Die substrate
DAP
WSON package, please refer to Application Note AN-1187 (literature number
SNOA401).
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5041B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com