Electronic Components Datasheet Search
  English  ▼

X  

LM5115 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5115
Description  Secondary Side Post Regulator / Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5115 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5115 Datasheet HTML 9Page - Texas Instruments LM5115 Datasheet HTML 10Page - Texas Instruments LM5115 Datasheet HTML 11Page - Texas Instruments LM5115 Datasheet HTML 12Page - Texas Instruments LM5115 Datasheet HTML 13Page - Texas Instruments LM5115 Datasheet HTML 14Page - Texas Instruments LM5115 Datasheet HTML 15Page - Texas Instruments LM5115 Datasheet HTML 16Page - Texas Instruments LM5115 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ERROR
AMP
SS
FB
40k
100k
0.75V
60k
R1
R2
R3
CSS
C2
C1
PWM
VOUT
COMP
CV
No Lead
Network
Required
LM5115
www.ti.com
SNVS343E – MARCH 2005 – REVISED MARCH 2013
Injecting a signal proportional to the instantaneous inductor current into a voltage mode controller improves the
control loop stability and bandwidth. This current injection eliminates the lead R-C lead network in the feedback
path that is normally required with voltage mode control (see Figure 18). Eliminating the lead network not only
simplifies the compensation, but also reduces sensitivity to output noise that could pass through the lead network
to the error amplifier.
The design of the voltage feedback path through the error amp begins with the selection of R1 and R2 in
Figure 18 to set the regulated output voltage. The steady state output voltage after soft-start is determined by the
following equation:
VOUT(final) = 0.75V x (1+R1/R2)
(4)
The parallel impedance of the R1, R2 resistor divider should be approximately 2k
Ω (between 0.5kΩ and 5kΩ).
Lower resistance values may not be properly driven by the error amplifier output and higher feedback resistances
can introduce noise sensitivity. The next step in the design process is selection of R3, which sets the ac gain of
the error amplifier. The ac gain is given by the following equation and should be set to a value less than 30.
GAIN(ac) = R3/(R1|| R2) < 30
(5)
The capacitor C1 is connected in series with R3 to increase the dc gain of the voltage regulation loop and
improve output voltage accuracy. The corner frequency set by R3 x C1 should be less than 1/10th of the cross-
over frequency of the overall converter such that capacitor C1 does not add phase lag at the crossover
frequency. Capacitor C2 is added to reduce the noise in the voltage control loop. The value of C2 should be less
than 500pF and C2 may not be necessary with very careful PC board layout.
Figure 18. Voltage Sensing and Feedback
Current Limiting (CS, CO and VOUT)
Current limiting is implemented through the current sense amplifier as illustrated in Figure 17. The current sense
amplifier monitors the inductor current that flows through a sense resistor connected between CS and VOUT.
The voltage gain of the current sense amplifier is nominally equal to 16. The output of current sense signal is
shifted by 1.27V to produce the internal CV reference signal. The CV signal drives a current limit amplifier with
nominal transconductance of 16mA/V. The current limit amplifier has an open drain (sink only) output stage and
its output pin CO is typically connected to the COMP pin. During normal operation, the voltage error amplifier
controls the COMP pin voltage which adjusts the PWM duty cycle by varying the internal CRMIX level
(Figure 15). However, when the current sense input voltage VCL exceeds 45mV, the current limit amplifier pulls
down on COMP through the CO pin. Pulling COMP low reduces the CRMIX signal below the CV signal level.
When CRMIX does not exceed the CV signal, the PWM comparator inhibits output pulses until the CRMIX signal
increases to a normal operating level.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com