Electronic Components Datasheet Search
  English  ▼

X  

LM5115MTC Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM5115MTC
Description  Secondary Side Post Regulator / Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5115MTC Datasheet(HTML) 3 Page - Texas Instruments

  LM5115MTC Datasheet HTML 1Page - Texas Instruments LM5115MTC Datasheet HTML 2Page - Texas Instruments LM5115MTC Datasheet HTML 3Page - Texas Instruments LM5115MTC Datasheet HTML 4Page - Texas Instruments LM5115MTC Datasheet HTML 5Page - Texas Instruments LM5115MTC Datasheet HTML 6Page - Texas Instruments LM5115MTC Datasheet HTML 7Page - Texas Instruments LM5115MTC Datasheet HTML 8Page - Texas Instruments LM5115MTC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
VBIAS
VCC
HB
CS
SYNC
ENABLE
PGND
AGND
LEVEL
SHIFT
CLK
VOUT
HS
ERROR AMP
(Sink Only)
R
S
Q
Q
VCC
UVLO
7V LDO
REGULATOR
HO
DRIVER
LO
DRIVER
RAMP
75k
SS
FB
COMP
PWM
COMPARATOR
CURRENT SENSE AMP
Gain = 16
CO
NEGATIVE
CURRENT
DETECTOR
7V
1.27V
2V
40k
100k
0.7V
BUFFER
0.75V
300 PA
ILIMIT AMP
Gm = 16 mA/V
(Sink Only)
1V
1.27V
175k
120k
ADAPTIVE
DEAD TIME
DELAY
THERMAL
LIMIT
LOGIC
CV
2.5k
15 PA
CLK
2.5k
CRMIX
VCC
VCC
VCC
VCC
x 3
I SYNC
ISYNC
Vbias
LM5115
www.ti.com
SNVS343E – MARCH 2005 – REVISED MARCH 2013
Pin Descriptions (continued)
Pin
Name
Description
Application Information
16
VBIAS
Supply Bias Input
Input to the LDO bias regulator and current sense amplifier that
powers internal blocks. Input range of VBIAS is 4.5V to 30V.
-
Exposed Pad Exposed Pad, underside of WSON package
Internally bonded to the die substrate. Connect to system ground
(WSON
for low thermal impedance.
Package
Only)
Block Diagram
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com