Electronic Components Datasheet Search
  English  ▼

X  

NLSX4402 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLSX4402
Description  2-Bit 20 Mb/s Dual-Supply Level Translator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX4402 Datasheet(HTML) 3 Page - ON Semiconductor

  NLSX4402 Datasheet HTML 1Page - ON Semiconductor NLSX4402 Datasheet HTML 2Page - ON Semiconductor NLSX4402 Datasheet HTML 3Page - ON Semiconductor NLSX4402 Datasheet HTML 4Page - ON Semiconductor NLSX4402 Datasheet HTML 5Page - ON Semiconductor NLSX4402 Datasheet HTML 6Page - ON Semiconductor NLSX4402 Datasheet HTML 7Page - ON Semiconductor NLSX4402 Datasheet HTML 8Page - ON Semiconductor NLSX4402 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NLSX4402
www.onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Condition
Unit
VCC
High−side DC Supply Voltage
−0.5 to +7.0
V
VL
High−side DC Supply Voltage
−0.5 to +7.0
V
I/O VCC
VCC−Referenced DC Input/Output Voltage
−0.5 to +7.0
V
I/O VL
VL−Referenced DC Input/Output Voltage
−0.5 to +7.0
V
VEN
Enable Control Pin DC Input Voltage
−0.5 to +7.0
V
II/O_SC
Short−Circuit Duration (I/O VL and I/O VCC to GND)
±50
Continuous
mA
II/OK
Input/Output Clamping Current (I/O VL and I/O VCC)
−50
VI/O < 0
mA
TSTG
Storage Temperature
−65 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
High−side Positive DC Supply Voltage
1.5
5.5
V
VL
High−side Positive DC Supply Voltage
1.5
5.5
V
VEN
Enable Control Pin Voltage
GND
5.5
V
VIO_VCC
I/O Pin Voltage (Side referred to VCC)
GND
5.5
V
VIO_VL
I/O Pin Voltage (Side referred to VL)
GND
5.5
V
Dt/DV
Input Transition Rise and Fall Rate
A− or B−Ports, Push−Pull Driving
Control Input
10
10
ns/V
TA
Operating Temperature Range
−40
+85
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the
Recommended Operating Ranges limits may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com